Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD604 Datasheet(PDF) 11 Page - Analog Devices

Part # AD604
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD604 Datasheet HTML 7Page - Analog Devices AD604 Datasheet HTML 8Page - Analog Devices AD604 Datasheet HTML 9Page - Analog Devices AD604 Datasheet HTML 10Page - Analog Devices AD604 Datasheet HTML 11Page - Analog Devices AD604 Datasheet HTML 12Page - Analog Devices AD604 Datasheet HTML 13Page - Analog Devices AD604 Datasheet HTML 14Page - Analog Devices AD604 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD604
REV. 0
–11–
12
11
10
9
8
1
2
3
4
7
6
5
13
16
15
14
24
23
22
21
20
19
18
17
AD604
–DSX1
+DSX1
PAI1
FBK1
PAO1
COM1
COM2
PAI2
FBK2
PAO2
+DSX2
–DSX2
VGN1
VREF
VPOS
GND1
OUT1
VNEG
VNEG
VPOS
GND2
OUT2
VOCM
VGN2
Figure 38. Shutdown of Preamplifiers Only
Differential Ladder (Attenuator)
The attenuator before the fixed gain amplifier of the DSX is
realized by a differential seven-stage R-1.5R resistive ladder net-
work with an untrimmed input resistance of 175
Ω single-ended
or 350
Ω differentially. The signal applied at the input of the
ladder network (Figure 39) is attenuated by 6.908 dB per tap;
thus, the attenuation at the first tap is 0 dB, at the second,
13.816 dB, and so on, all the way to the last tap where the
attenuation is 48.356 dB. A unique circuit technique is used to
interpolate continuously between the tap points, thereby provid-
ing continuous attenuation from 0 to –48.36 dB. You can think
of the ladder network together with the interpolation mechanism
as a voltage-controlled potentiometer.
Since the DSX is a single-supply circuit, some means of biasing
its inputs must be provided. Node MID together with the
VOCM buffer performs this function. Without internal biasing,
the user would have had to dc bias the inputs externally. If not
done carefully, the biasing network can introduce additional
noise and offsets. By providing internal biasing, the user is
relieved of this task and only needs to ac couple the signal into
the DSX. It should be made clear again that the input to the
DSX is still fully differential if driven differentially, i.e., pins
+DSX and –DSX see the same signal but with opposite polarity
(see Differential Input VGA Application). What changes is the
load as seen by the driver; it is 175
Ω when each input is driven
single ended, but 350
Ω when driven differentially. This can be
easily explained when thinking of the ladder network as just two
175
Ω resistors connected back-to-back with the middle node,
MID, being biased by the VOCM buffer. A differential signal
applied between nodes +DSX and –DSX will result in zero cur-
rent into node MID, but a single-ended signal applied to either
input +DSX or –DSX while the other input is ac grounded, will
cause the current delivered by the source to flow into the
VOCM buffer via node MID.
The ladder resistor value of 175
Ω was chosen to provide the
optimum balance between the load driving capability of the
preamplifier and the noise contribution of the resistors. One fea-
ture of the X-AMP architecture is that the output referred noise
is constant versus gain over most of the gain range. This can be
easily explained by looking at Figure 39 and observing that the
tap resistance is equal for all taps after only a few taps away
from the inputs. The resistance seen looking into each tap is
54.4
Ω which makes 0.95 nV/√Hz of Johnson noise spectral
density. Since there are two attenuators, the overall noise con-
tribution of the ladder network is
√2 times 0.95 nV/√Hz or
1.34 nV/
√Hz, a large fraction of the total DSX noise. The rest
of the DSX circuit components contribute another 1.20 nV/
√Hz
which together with the attenuator produces 1.8 nV/
√Hz of
total DSX input referred noise.
AC Coupling
As already mentioned, the DSX portion of the AD604 is a
single-supply circuit and therefore its inputs need to be ac
coupled to accommodate ground-based signals. External
capacitors C1 and C2 in Figure 35 level shift the ground refer-
enced preamplifier output from ground to the dc value estab-
lished by VOCM (nominal 2.5 V). C1 and C2, together with
the 175
Ω looking into each of DSX inputs (+DSX and –DSX),
will act as high pass filters with corner frequencies depending on
the values chosen for C1 and C2. For example, if C1 and C2
are 0.1
µF, then together with the 175 Ω input resistance seen
into each side of the differential ladder of the DSX, a –3 dB high
pass corner at 9.1 kHz is formed.
If the AD604 output needs to be ground referenced, then an-
other ac coupling capacitor will be required for level shifting.
This capacitor will also eliminate any dc offsets contributed by
the DSX. With a nominal load of 500
Ω and a 0.1 µF coupling
capacitor, this adds a high pass filter with –3 dB corner fre-
quency at about 3.2 kHz.
The choice for all three of these coupling capacitors depends on
the application. They should allow the signals of interest to pass
unattenuated, while at the same time they can be used to limit
the low frequency noise in the system.
R
–6.908dB
R
1.5R
1.5R
R
R
–13.82dB
R
1.5R
1.5R
R
–20.72dB
R
1.5R
1.5R
R
–27.63dB
R
1.5R
1.5R
R
–34.54dB
R
1.5R
1.5R
R
–41.45dB
R
1.5R
1.5R
R
–48.36dB
1.5R
1.5R
175
Ω
175
Ω
+DSX
MID
–DSX
NOTE: R = 96
Ω
1.5R = 144
Ω
Figure 39. R–1.5R Dual Ladder Network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com