Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD604 Datasheet(PDF) 1 Page - Analog Devices

Part # AD604
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604 Datasheet(HTML) 1 Page - Analog Devices

  AD604 Datasheet HTML 1Page - Analog Devices AD604 Datasheet HTML 2Page - Analog Devices AD604 Datasheet HTML 3Page - Analog Devices AD604 Datasheet HTML 4Page - Analog Devices AD604 Datasheet HTML 5Page - Analog Devices AD604 Datasheet HTML 6Page - Analog Devices AD604 Datasheet HTML 7Page - Analog Devices AD604 Datasheet HTML 8Page - Analog Devices AD604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Dual, Ultralow Noise
Variable Gain Amplifier
AD604
FEATURES
Ultralow Input Noise at Maximum Gain:
0.80 nV/
√Hz, 3.0 pA/√Hz
Two Independent Linear-in-dB Channels
Absolute Gain Range per Channel Programmable:
0 dB to +48 dB (Preamp Gain = +14 dB), through
+6 dB to +54 dB (Preamp Gain = +20 dB)
1.0 dB Gain Accuracy
Bandwidth: 40 MHz (–3 dB)
300 k
Input Resistance
Variable Gain Scaling: 20 dB/V through 40 dB/V
Stable Gain with Temperature and Supply Variations
Single-Ended Unipolar Gain Control
Power Shutdown at Lower End of Gain Control
Can Drive A/D Converters Directly
APPLICATIONS
Ultrasound and Sonar Time-Gain Control
High Performance AGC Systems
Signal Measurement
PRODUCT DESCRIPTION
The AD604 is an ultralow noise, very accurate, dual channel,
linear-in-dB variable gain amplifier (VGA) optimized for time-
based variable gain control in ultrasound applications; however
it will support any application requiring low noise, wide bandwidth
variable gain control. Each channel of the AD604 provides a
300 k
Ω input resistance and unipolar gain control for ease of
use. User determined gain ranges, gain scaling (dB/V) and dc
level shifting of output further optimize application performance.
Each channel of the AD604 utilizes a high performance pre-
amplifier that provides an input referred noise voltage of
0.8 nV/
√Hz. The very accurate linear-in-dB response of the
AD604 is achieved with the differential input exponential amplifier
(DSX-AMP) architecture. Each of the DSX-AMPs comprise a
variable attenuator of 0 dB to 48.36 dB followed by a high speed
fixed gain amplifier. The attenuator is based on a seven stage
R-1.5R ladder network. The attenuation between tap points
is 6.908 dB and 48.36 dB for the ladder network.
Each independent channel of the AD604 provides a gain range
of 48 dB which can be optimized for the application by program-
ming the preamplifier with a single external resistor in the
preamp feedback path. The linear-in-dB gain response of the
AD604 can be described by the equation: G (dB) = (Gain
Scaling (dB/V )
× VGN (V )) + (Preamp Gain (dB) – 19 dB).
Preamplifier gains between 5 and 10 (+14 dB and +20 dB)
FUNCTIONAL BLOCK DIAGRAM
OUT
VOCM
PAO
PAI
DIFFERENTIAL
ATTENUATOR
+DSX
–DSX
VGN
VREF
R-1.5R
LADDER NETWORK
0 TO –48.4dB
PROGRAMMABLE
ULTRALOW NOISE
PREAMPLIFIER
G = 14–20dB
PRECISION PASSIVE
INPUT ATTENUATOR
FIXED GAIN
AMPLIFIER
+34.4dB
AFA
GAIN CONTROL
AND SCALING
provide overall gain ranges per channel of 0 dB through +48 dB
and +6 dB through +54 dB. The two channels of the AD604
can be cascaded to provide greater levels of gain range by bypass-
ing the 2nd channel’s preamplifier. However, in multiple channel
systems, cascading the AD604 with other devices in the AD60x
VGA family, which do not include a preamplifier may provide
a more efficient solution. The AD604 provides access to the
output of the preamplifier allowing for external filtering be-
tween the preamplifier and the differential attenuator stage.
The gain control interface provides an input resistance of
approximately 2 M
Ω and scale factors from 20 dB/V to
30 dB/V for a VREF input voltage of 2.5 V to 1.67 V respect-
ively. Note that scale factors up to 40 dB/V are achievable
with reduced accuracy for scales above 30 dB/V. The gain scales
linear-in-dB with control voltages of 0.4 V to 2.4 V with the
20 dB/V scale. Below and above this gain control range, the gain
begins to deviate from the ideal linear-in-dB control law. The
gain control region below 0.1 V is not used for gain control. In
fact when the gain control voltage is <50 mV the amplifier
channel is powered down to 1.9 mA.
The AD604 is available in a 24-pin plastic SSOP, SOIC and DIP,
and is guaranteed for operation over the –40
°C to +85°C
temperature range.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996


Similar Part No. - AD604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD604 AD-AD604 Datasheet
892Kb / 32P
Dual, Ultralow Noise Variable Gain Amplifier
Rev. D
logo
List of Unclassifed Man...
AD604-00 ETC2-AD604-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Analog Devices
AD604-EVAL AD-AD604-EVAL Datasheet
892Kb / 32P
Dual, Ultralow Noise Variable Gain Amplifier
Rev. D
AD604-EVALZ AD-AD604-EVALZ Datasheet
892Kb / 32P
Dual, Ultralow Noise Variable Gain Amplifier
Rev. D
AD604AN AD-AD604AN Datasheet
892Kb / 32P
Dual, Ultralow Noise Variable Gain Amplifier
Rev. D
More results

Similar Description - AD604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605 AD-AD605 Datasheet
263Kb / 12P
Dual, Low Noise, Single-Supply Variable Gain Amplifier
7/04-Data Sheet Changed from REV. B to REV. C.
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
Variable Gain Low Noise Amplifier
logo
Analog Devices
AD605 AD-AD605_06 Datasheet
376Kb / 20P
Dual, Low Noise, Single-Supply Variable Gain Amplifier
1/06-Rev. C to Rev. D
AD604 AD-AD604_08 Datasheet
892Kb / 32P
Dual, Ultralow Noise Variable Gain Amplifier
Rev. D
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Analog Devices
AD604 AD-AD604_15 Datasheet
930Kb / 33P
Dual, Ultralow Noise Variable Gain Amplifier
Rev. G
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com