Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD604 Datasheet(PDF) 2 Page - Analog Devices

Part # AD604
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604 Datasheet(HTML) 2 Page - Analog Devices

  AD604 Datasheet HTML 1Page - Analog Devices AD604 Datasheet HTML 2Page - Analog Devices AD604 Datasheet HTML 3Page - Analog Devices AD604 Datasheet HTML 4Page - Analog Devices AD604 Datasheet HTML 5Page - Analog Devices AD604 Datasheet HTML 6Page - Analog Devices AD604 Datasheet HTML 7Page - Analog Devices AD604 Datasheet HTML 8Page - Analog Devices AD604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD604–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Preamplifier
Input Resistance
300
k
Ω
Input Capacitance
8.5
pF
Input Bias Current
–27
µA
Peak Input Voltage
Preamp Gain = +14 dB
±400
mV
Preamp Gain = +20 dB
±200
mV
Input Voltage Noise
VGN = 2.9 V, RS = 0
Ω
Preamp Gain = +14 dB
0.8
nV/
√Hz
Preamp Gain = +20 dB
0.73
nV/
√Hz
Input Current Noise
Independent of Gain
3.0
pA/
√Hz
Noise Figure
RS = 50 Ω, f = 1 MHz, VGN = 2.9 V
2.3
dB
RS = 200
Ω, f =1 MHz, VGN = 2.9 V
1.1
dB
DSX
Input Resistance
175
Ω
Input Capacitance
3.0
pF
Peak Input Voltage
2.5
± 2V
Input Voltage Noise
VGN = 2.9 V
1.8
nV/
√Hz
Input Current Noise
VGN = 2.9 V
2.7
pA/
√Hz
Noise Figure
RS = 50 Ω, f = 1 MHz, VGN = 2.9 V
8.4
dB
RS = 200
Ω, f =1 MHz, VGN = 2.9 V
12
dB
Common-Mode Rejection Ratio
f = 1 MHz, VGN = 2.65 V
–20
dB
OUTPUT CHARACTERISTICS
–3 dB Bandwidth
Constant with Gain
40
MHz
Slew Rate
VGN = 1.5 V, Output = 1 V Step
170
V/
µs
Output Signal Range
RL
≥ 500 Ω
2.5
± 1.5
V
Output Impedance
f = 10 MHz
2
Ω
Output Short-Circuit Current
±40
mA
Harmonic Distortion
VGN = 1 V, VOUT = 1 V p-p
HD2
f = 1 MHz
–54
dBc
HD3
f = 1 MHz
–67
dBc
HD2
f = 10 MHz
–43
dBc
HD3
f = 10 MHz
–48
dBc
Two-Tone Intermodulation
VGN = 2.9 V, VOUT = 1 V p-p
Distortion (IMD)
f = 1 MHz
–74
dBc
f = 10 MHz
–71
dBc
3rd Order Intercept
f = 10 MHz, VGN = 2.65 V,
–12.5
dBm
VOUT = 1 V p-p, Input Referred
1 dB Compression Point
f = 1 MHz, VGN = 2.9 V, Output Referred
+15
dBm
Channel-to-Channel Crosstalk
VOUT = 1 V p-p, f = 1 MHz
Ch #1: VGN = 2.65 V, Inputs Shorted
–30
dB
Ch #2: VGN = 1.5 V (Mid Gain)
dB
Group Delay Variation
1 MHz < f < 10 MHz, Full Gain Range
±2ns
VOCM Input Resistance
45
k
Ω
ACCURACY
Absolute Gain Error
0 dB to +3 dB
0.25 V < VGN < 0.400 V
–1.2
+0.75
+3
dB
+3 dB to +43 dB
0.400 V < VGN < 2.400 V
–1.0
±0.3
+1.0
dB
+43 dB to +48 dB
2.400 V < VGN < 2.65 V
–3.5
–1.25
+1.2
dB
Gain Scaling Error
0.400 V < VGN < 2.400 V
±0.25
dB/V
Output Offset Voltage
VREF = 2.500 V, VOCM = 2.500 V
–50
±30
+50
mV
Output Offset Variation
VREF = 2.500 V, VOCM = 2.500 V
30
50
mV
REV. 0
–2–
(Each Amplifier Channel at TA = +25 C, VS =
5 V, RS = 50
, RL = 500
, CL = 5 pF, VREF = 2.50 V (Scaling = 20 dB/V), 0 dB to +48 dB gain
range (preamplifier gain = +14 dB), VOCM = 2.5 V, C1 and C2 = 0.1
F (see Figure 35) unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com