Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD604 Datasheet(PDF) 3 Page - Analog Devices

Part # AD604
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604 Datasheet(HTML) 3 Page - Analog Devices

  AD604 Datasheet HTML 1Page - Analog Devices AD604 Datasheet HTML 2Page - Analog Devices AD604 Datasheet HTML 3Page - Analog Devices AD604 Datasheet HTML 4Page - Analog Devices AD604 Datasheet HTML 5Page - Analog Devices AD604 Datasheet HTML 6Page - Analog Devices AD604 Datasheet HTML 7Page - Analog Devices AD604 Datasheet HTML 8Page - Analog Devices AD604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
AD604
Parameter
Conditions
Min
Typ
Max
Unit
GAIN CONTROL INTERFACE
Gain Scaling Factor
VREF = 2.5 V, 0.4 V < VGN < 2.4 V
19
20
21
dB/V
VREF = 1.67 V
30
dB/V
Gain Range
Preamp Gain = +14 dB
0 to +48
dB
Preamp Gain = +20 dB
+6 to +54
dB
Input Voltage (VGN) Range
20 dB/V, VREF = 2.5 V
0.1 to 2.9
V
Input Bias Current
–0.4
µA
Input Resistance
2M
Ω
Response Time
48 dB Gain Change
0.2
µs
VREF Input Resistance
10
k
Ω
POWER SUPPLY
Specified Operating Range
One Complete Channel
±5V
One DSX Only
+5
V
Power Dissipation
One Complete Channel
220
mW
One DSX Only
95
mW
Quiescent Supply Current
VPOS, One Complete Channel
32
36
mA
VPOS, One DSX Only
19
23
mA
VNEG, One Preamplifier Only
–15
–12
mA
Powered Down
VPOS, VGN < 50 mV, One Channel
1.9
3.0
mA
VNEG, VGN < 50 mV, One Channel
–150
µA
Power-Up Response Time
48 dB Gain Change, VOUT = 2 V p-p
0.6
µs
Power-Down Response Time
0.4
µs
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
±V
S
Pins 17, 18, 19, 20 (with Pins 16, 22 = 0 V) . . . . . .
±6.5 V
Input Voltages
Pins 1, 2, 11, 12 . . . . . . . . . . . . . VPOS/2
±2 V Continuous
Pins 4, 9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±2 V
Pins 5, 8 . . . . . . . . . . . . . . . . . . . . . . . . . . . . VPOS, VNEG
Pins 6, 7, 13, 14, 23, 24 . . . . . . . . . . . . . . . . . . . . VPOS, 0
Internal Power Dissipation
Plastic (N) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.2 W
Small Outline (R) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.7 W
Shrink Small Outline (RS) . . . . . . . . . . . . . . . . . . . . . 1.1 W
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering 60 seconds . . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional opera-
tion of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect device reliability.
2Pins 1, 2, 11, 12, 13, 14, 23, 24 are part of a single-supply circuit and the part will
most likely be damaged if any of these pins are accidentally connected to VN.
3When driven from an external low impedance source.
ORDERING GUIDE
Temperature
Package
Model
Range
JA
Option*
AD604AN
–40
°C to +85°C57°C/W
N-24
AD604AR
–40
°C to +85°C70°C/W
R-24
AD604ARS
–40
°C to +85°C
112
°C/W
R-24
*N = Plastic DIP, R = Small Outline IC (SOIC), RS = Shrink Small Outline
Package (SSOP).
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD604 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com