Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.232FHSS-25-R Datasheet(PDF) 26 Page - Radiometrix Ltd

Part # WI.232FHSS-25-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

WI.232FHSS-25-R Datasheet(HTML) 26 Page - Radiometrix Ltd

Back Button WI.232FHSS-25-R Datasheet HTML 22Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 23Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 24Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 25Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 26Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 27Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 28Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 29Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 30Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
25
Revision 1.1.0
3.3. Example Circuits
3.3.1. WI.232FHSS-25-R Evaluation Module Circuit
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
1
2
3
4
5
6
7
8
9
10
11
12
JP1
1
2
3
4
5
6
7
8
9
10
11
12
JP2
RXD0
TXD0
CTS0
RTS0
RXD1
TXD1
RTS1
DTR1
*DTR1
PD1
PD2
PD3
PD4
EX
RSSI
CMD_RSP
BE
GND
GND
SMA
J1
GND
IN
1
OUT
3
MIC39100-3.3BS
U1
GNDGND
VCC
47uF Tantalum
C1
GND
4.7uF Ceramic
C2
GND
VIN
VIN
NC
3
CMD
4
RxD
5
TxD
6
CTS
7
NC
8
NC
9
C2D
10
RST / C2CK
11
GND
12
ANT
13
GND
14
GND
15
GND
16
GND
17
GND
18
VCC
19
Wi.232FHSS-25-R
CTS0
RTS0
TXD0
RXD0
VCC
GND
GND
GND
1
2
3
4
JP3
GND
VCC
1k
R2
1k
R1
VCC
VCC
BE
CMD_RSP
RSSI
Figure 10: WI.232FHSS-25-R Evaluation Module Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com