Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.232FHSS-25-R Datasheet(PDF) 34 Page - Radiometrix Ltd

Part # WI.232FHSS-25-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

WI.232FHSS-25-R Datasheet(HTML) 34 Page - Radiometrix Ltd

Back Button WI.232FHSS-25-R Datasheet HTML 30Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 31Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 32Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 33Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 34Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 35Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 36Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 37Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 38Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
33
Revision 1.1.0
To calculate the link budget for a wireless link, simply add the transmit power, the antenna gains, and the
receiver sensitivity:
Grxa
SENSrx
Gtxa
Ptx
LB
+
−
+
=
For example, the link budget for a pair of Wi.232FHSS modules at the minimum data rate and using 2.2dBi
½ wave dipole antennas would be:
(25mW): +13dBm + 2.2dB – (-105dBm) + 2.2dB: 122.4dB
(250mW): +23.5dBm + 2.2dB – (-105dBm) + 2.2dB: 132.9dB
A link budget of 122.4 dB should easily yield a range of 1/2 mile or more outdoors. If the environment is
open and the antennas are 8 to 10 feet off of the ground, the range could be more than a mile. Indoors,
this link budget should yield a range of several hundred feet. Packet testing of the 250mW module at full
power has yielded results in excess of 3 miles at maximum data rate.
The balance of receive sensitivity and transmit power allows good performance indoors in the presence of
multi-path while keeping the overall operating current low This makes these modules suitable for primary
battery powered applications such as RFID and automated meter reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com