Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.232FHSS-25-R Datasheet(PDF) 48 Page - Radiometrix Ltd

Part # WI.232FHSS-25-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

WI.232FHSS-25-R Datasheet(HTML) 48 Page - Radiometrix Ltd

Back Button WI.232FHSS-25-R Datasheet HTML 44Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 45Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 46Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 47Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 48Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 49Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 50Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 51Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 52Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
47
Revision 1.1.0
4.1.31. CMD Halts Traffic (regCMDHALT)
regNVCMDHALT (0x23)
regCMDHALT (0x6E)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default CMD Halt Setting: Disabled (0x00)
When configuring the module’s register settings, it is possible that incoming RF transmissions can intermix
with the command interpreter’s response, making it difficult to determine if your commands were
successfully processed. Changing this register setting to 0x01 will cause the module to store incoming RF
traffic (up to RF buffer overflow) while the CMD line is low. When the CMD pin is returned high, the RF
engine will send all buffered data to the UART. This feature is present in all Wi.232FHSS-250-R modules
and Wi.232FHSS-25(-R) modules with firmware version 1.0.4 or newer.
4.1.32. Receiver LNA Mode (regLNAMODE)
regNVLNAMODE (0x24)
regLNAMODE (0x6F)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default Receiver LNA Mode: High Sensitivity (Wi.232FHSS-25), AGC Enabled (Wi.232FHSS-250-R)
By default, the Wi.232FHSS-25 module is configured for maximum receiver sensitivity. Similarly, the
Wi.232FHSS-250-R is factory-configured to use its internal automatic gain control (AGC) circuit to manage
receiver sensitivity. Reducing the gain increases the linearity of the receiver, but reduces maximum
sensitivity; increasing the gain does the opposite. Generally speaking, higher linearity (increased third
order input intercept point, IIP3) will give improved performance in high-interference environments; high
gain yields better performance in low-interference environments.
The Wi.232FHSS-250-R contains an AGC circuit that manages these settings automatically, and it should
be used whenever possible. When reading the digital RSSI registers (regIMMEDRSSI, regLGPRSSI), the
internal calculation automatically compensates for the current LNA gain setting. However, when
attempting to make analog RSSI measurements, fixing the LNA gain will produce more meaningful results.
The following table summarizes the LNA settings for each of the modules.
LNA
Mode
WI.232FHSS-25-R
WI.232FHSS-250-R
Meaning
IIP3 Increase
Sensitivity
Decrease
Meaning
IIP3 Increase
Sensitivity Decrease
0x00
High
Sensitivity
Reference
Reference
AGC Enabled
Variable
Variable
0x01
High Linearity
15 dB
10 dB
High
Sensitivity
Reference
Reference
0x02
Invalid
N/A
N/A
Mid Linearity
19.1 dB
6.5 dB
0x03
Invalid
N/A
N/A
High Linearity
41.8 dB
9.5 dB
Table 18, LNA Mode Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com