Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.232FHSS-25-R Datasheet(PDF) 39 Page - Radiometrix Ltd

Part # WI.232FHSS-25-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

WI.232FHSS-25-R Datasheet(HTML) 39 Page - Radiometrix Ltd

Back Button WI.232FHSS-25-R Datasheet HTML 35Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 36Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 37Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 38Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 39Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 40Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 41Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 42Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 43Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
38
Revision 1.1.0
Wi.232FHSS-25-R / Wi.232FHSS-250-R
Baud Rate
EX_NORFACK Timeout
2400
170ms
9600
75ms
19200
45ms
38400
30ms
57600
30ms
115200
30ms
Table 15, Per-Baud rate ACK timeout values.
4.1.8. CRC Checking (regUSECRC)
regNVUSECRC (0x08)
regUSECRC (0x53)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
B7
B6
B5
B4
B3
B2
B1
B0
7
6
5
4
3
2
1
0
Default CRC Checking: Enabled (0x01)
Set to 0x01 to enable receiver CRC-16 validation, or 0x00 to disable. If this register is enabled (0x01), an
invalid packet will not be sent to the UART interface for transmission; it will be discarded. The default CRC
mode setting is enabled.
4.1.9. UART Minimum Transmission Unit (regUARTMTU)
regNVUARTMTU (0x09)
regUARTMTU (0x54)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
B7
B6
B5
B4
B3
B2
B1
B0
7
6
5
4
3
2
1
0
Default UART Minimum Transmission Unit: 64
This register determines the UART buffer level that will trigger the transmission of a packet. This register
works in conjunction with the regTXTO register to determine when the module sends a packet. A pseudo-
code logical arrangement is:
if (UART_incoming_buffer_size >= regUARTMTU) or (UART_last_char_received_timer >
regTXTO) then SendPacket()
The minimum value is 1 and the maximum value is 192. The default value for this register is 64, which
provides a good mix of throughput and latency. At maximum data rate, a value of 128 will optimize
throughput. This register does not guarantee a particular transmission unit size; rather, it specifies the
minimum desired size. If there is not enough time left in a hop, for instance, the packet engine will send as
many characters as it can to fill the current hop, and send the remaining characters in the next hop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com