Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.232FHSS-25-R Datasheet(PDF) 62 Page - Radiometrix Ltd

Part # WI.232FHSS-25-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

WI.232FHSS-25-R Datasheet(HTML) 62 Page - Radiometrix Ltd

Back Button WI.232FHSS-25-R Datasheet HTML 58Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 59Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 60Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 61Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 62Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 63Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 64Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 65Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 66Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
61
Revision 1.1.0
6.2.3. DC Specifications for WI.232FHSS-25-R
Parameter
Min
Typ
Max
Units
Notes
Operating Temperature
-40
+85
oC
HW Revision C and later
Supply Voltage
3.0
3.3
3.6
VDC
Operating limits
Allowed Vdd Ramp Time
1
Ms
From Vss to 2.7V
Receive Current Consumption
20
mA
Continuous operation,
Vdd=3.3V, 2400 baud
Transmit Current Consumption
(-2 dBm)
30
mA
Output into 50 Ohm load,
Vdd= 3.3 VDC, 2400 baud
(+3 dBm)
35
mA
(+8 dBm)
48
mA
(+13 dBm)
65
mA
Standby Current Consumption
2.1
mA
Vdd= 3.3 VDC
Sleep Current Consumption
1.4
mA
Vdd= 3.3 VDC
Deep Sleep Current Consumption
3
μA
Vdd= 3.3 VDC
Vih- Logic High Level Input
0.7*Vdd
5.0
VDC
Vil- Logic Low Level Input
0
0.3*Vcc
VDC
Voh- Logic High Level Output
2.5
Vcc
VDC
Vol- Logic Low Level Output
0
0.4
VDC
Table 34, DC Specifications for WI.232FHSS-25-R
6.3. Absolute Maximum Ratings for WI.232FHSS-250-R
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. This device is ESD sensitive.
Proper precautions should be taken for handling and assembly.
Parameter
Min
Max
Units
Vdd- Power Supply
0
5.0
VDC
Voltage on any digital I/O pin
0
5.0
VDC
Input RF Level
12
dBm
Storage Temperature
-40
+85
oC
Table 35, Absolute Maximum Ratings for WI.232FHSS-250-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com