Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.232FHSS-25-R Datasheet(PDF) 56 Page - Radiometrix Ltd

Part # WI.232FHSS-25-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

WI.232FHSS-25-R Datasheet(HTML) 56 Page - Radiometrix Ltd

Back Button WI.232FHSS-25-R Datasheet HTML 52Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 53Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 54Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 55Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 56Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 57Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 58Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 59Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 60Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
55
Revision 1.1.0
4.2.4. Non-Volatile Read/ Write Registers
Non-Volatile Read/ Write Registers
Name
Address
Description
Factory Default
regNVHOPTABLE
0x00
Hop Table
0
regNVPWRMODE
0x02
Power amplifier setting
3 (High Power)
regNVUARTDATARATE
0x03
UART data rate
0 (2400)
regNVNETWORKMODE
0x04
Sets addressing mode
4 (MAC/GUID)
regNVTXTO
0x05
UART to transmitter timeout
16 (15-16ms)
regNVMAXTXRETRY
0x07
Maximum times to retry packet transmission
26
regNVUSECRC
0x08
Enable/Disable CRC checking
1 (Enabled)
regNVUARTMTU
0x09
Minimum transmission unit
64 (64 bytes)
regNVSHOWVERSION
0x0A
Enable/disable startup message
1 (Enabled)
regNVCSMAMODE
0x0B
Enable/disable CSMA
1 (Enabled)
regNVOPMODE
0x0D
Sets operating mode
0 (Awake)
regNVACKONWAKE
0x0E
Enable/Disable ACK sent to UART upon wake
from
1 (Enabled)
regNVUSERDESTID[3]
0x0F
Destination Address for User Packet Type,
extended
0xFF
regNVUSERDESTID[2]
0x10
Destination Address for User Packet Type,
extended
0xFF
regNVUSERDESTID[1]
0x11
Destination Address for User Packet Type
0xFF
regNVUSERDESTID[0]
0x12
Destination Address for User Packet Type
0xFF
regNVUSERSRCID[3]
0x13
Source Address for User Packet Type, extended
0xFF
regNVUSERSRCID[2]
0x14
Source Address for User Packet Type, extended
0xFF
regNVUSERSRCID[1]
0x15
Source Address for User Packet Type
0xFF
regNVUSERSRCID[0]
0x16
Source Address for User Packet Type
0xFF
regNVUSERIDMASK[3]
0x17
Address Mask for User Packet Type, extended
0xFF
regNVUSERIDMASK[2]
0x18
Address Mask for User Packet Type, extended
0xFF
regNVUSERIDMASK[1]
0x19
Address Mask for User Packet Type
0xFF
regNVUSERIDMASK[0]
0x1A
Address Mask for User Packet Type
0xFF
regNVDESTGUID[3]
0x1D
Sets MAC Address Destination
0xFF
regNVDESTGUID[2]
0x1E
Sets MAC Address Destination
0xFF
regNVDESTGUID[1]
0x1F
Sets MAC Address Destination
0xFF
regNVDESTGUID[0]
0x20
Sets MAC Address Destination
0xFF
regNVEXCEPTIONMASK
0x21
Used to mask exception for EX pin.
0xFF (All)
regCMDHALT*
0x23
Halt RF traffic when CMD pin is low
0 (Disabled)
regLNAMODE*
0x24
Receiver LNA gain/linearity setting
0 (High Gain[25]
/ Auto[250])
regCOMPATMODE**
0x25
Compatibility mode for 25(-R) / 250-R
intercommunication
0 (Disabled)
regAUTADDMODE**
0x26
Auto-address mode
0 (Disabled)
* supported in 25(-R) module f/w v1.0.4 and 250-R f/w v1.0.5 and newer
** supported in 250(-R) module f/w v1.0.5 and newer
Table 26, Non-Volatile Read/ Write Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com