Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.232FHSS-25-R Datasheet(PDF) 66 Page - Radiometrix Ltd

Part # WI.232FHSS-25-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

WI.232FHSS-25-R Datasheet(HTML) 66 Page - Radiometrix Ltd

Back Button WI.232FHSS-25-R Datasheet HTML 59Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 60Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 61Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 62Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 63Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 64Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 65Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 66Page - Radiometrix Ltd WI.232FHSS-25-R Datasheet HTML 67Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 66 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
65
Revision 1.1.0
8. Ordering Information
Product Part Number
Description
WI.232FHSS-25-R
Embedded Wireless Module, 25 mW (900 MHz)
Wi.232FHSS-250-R
Embedded Wireless Module, 250 mW (900 MHz)
Wi.232FHSS-25-FCC-R
Pinned, Pre-Certified Module, 25 mW (900MHz)
Wi.232FHSS-250-FCC-R
Pinned, Pre-Certified Module, 250 mW (900MHz)
RK-Wi.232FHSS-25-FCC-R
Development Kit for 25 mW FHSS modules, contains two
Wi.232FHSS-25-FCC-R modules
RK-Wi.232FHSS-250-FCC-R
Development Kit for 250 mW FHSS modules, contains two
Wi.232FHSS-250-FCC-R modules
Table 40, Ordering Information
Chapter
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com