Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF--35 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # RF--35
Description  RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RF--35 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  RF--35 Datasheet HTML 1Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 2Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 3Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 4Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 5Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 6Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 7Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 8Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MRF6VP3091NR1 MRF6VP3091NR5 MRF6VP3091NBR1 MRF6VP3091NBR5
3
RF Device Data
Freescale Semiconductor, Inc.
Figure 2. MRF6VP3091NR1(NBR1) 860 MHz Single--Ended Narrowband Test Circuit Schematic
Z10, Z11
1.292″× 0.079″ Microstrip
Z12
0.680″× 0.571″ Microstrip
Z13
0.132″× 0.117″ Microstrip
Z14
0.705″× 0.117″ Microstrip
Z15
0.159″× 0.117″ Microstrip
Z16
0.140″× 0.067″ Microstrip
Z17
0.077″× 0.067″ Microstrip
Z18
0.163″× 0.067″ Microstrip
Z1
0.266″× 0.067″ Microstrip
Z2
0.331″× 0.067″ Microstrip
Z3
0.598″× 0.067″ Microstrip
Z4
0.315″× 0.276″ Microstrip
Z5
0.054″× 0.669″ Microstrip
Z6
0.419″× 0.669″ Microstrip
Z7
0.256″× 0.669″ Microstrip
Z8
0.986″× 0.071″ Microstrip
Z9
0.201″× 0.571″ Microstrip
Z1
RF
INPUT
C5
Z2
Z3 Z4 Z5
Z7
Z13
C14
RF
OUTPUT
Z15
VBIAS
VSUPPLY
R1
C9
C10
C8
C1
C3
Z9
Z17
Z14
C12
C11
R2
C6
C16
C17
C18
+
+
Z10
Z11
Z8
C2
Z6
C7
C4
Z12
Z18
Z16
C15
C13
+
DUT
Table 6. MRF6VP3091NR1(NBR1) 860 MHz Single--Ended Narrowband Test Circuit Component Designations and
Values
Part
Description
Part Number
Manufacturer
C1
22 μF, 35 V Tantalum Capacitor
T491X226K035AT
Kermet
C2, C9, C17
10 μF, 50 V Chip Capacitors
GRM55DR61H106KA88L
Murata
C3, C5, C8, C14, C16
43 pF Chip Capacitors
ATC100B430JT500XT
ATC
C4
6.2 pF Chip Capacitor
ATC100B6R2BT500XT
ATC
C6
2.2 pF Chip Capacitor
ATC100B2R2JT500XT
ATC
C7
9.1 pF Chip Capacitor
ATC100B9R1CT500XT
ATC
C10, C18
220 μF, 100 V Electrolytic Capacitors
EEVFK2A221M
Panasonic--ECG
C11, C15
7.5 pF Chip Capacitors
ATC100B7R5CT500XT
ATC
C12
3.0 pF Chip Capacitor
ATC100B3R0CT500XT
ATC
C13
0.7 pF Chip Capacitor
ATC100B0R7BT500XT
ATC
R1
10 kΩ, 1/4 W Chip Resistor
CRCW120610KOJNEA
Vishay
R2
10 Ω, 1/4 W Chip Resistor
CRCW120610ROJNEA
Vishay
PCB
0.030″, εr =3.5
RF--35
Taconic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com