Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF--35 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # RF--35
Description  RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RF--35 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  RF--35 Datasheet HTML 1Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 2Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 3Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 4Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 5Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 6Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 7Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 8Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MRF6VP3091NR1 MRF6VP3091NR5 MRF6VP3091NBR1 MRF6VP3091NBR5
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistors
Enhancement--Mode Lateral MOSFETs
Designed for commercial and industrial broadband applications with
frequencies from 470 to 860 MHz. Devices are suitable for use in broadcast
applications.
• Typical Performance (Broadband Reference Circuit): VDD =50 Volts,
IDQ = 450 mA, 64 QAM, Input Signal PAR = 9.5 dB @ 0.01% Probability
on CCDF.
Signal Type
Pout
(W)
f
(MHz)
Gps
(dB)
ηD
(%)
Output
Signal PAR
(dB)
IMD
Shoulder
(dBc)
DVB--T (8k OFDM)
18 Avg.
470
21.8
31.0
7.9
--27.8
650
21.6
26.4
8.4
--37.6
860
21.7
27.6
7.1
--30.4
Features
• Capable of Handling 10:1 VSWR, All Phase Angles, @ 50 Vdc, 860 MHz,
90 Watts CW Output Power
• Characterized with Series Equivalent Large--Signal Impedance Parameters
• Internally Input Matched for Ease of Use
• Qualified Up to a Maximum of 50 VDD Operation
• Excellent Thermal Stability
• Device can be used Single--Ended or in a Push--Pull Configuration
• Integrated ESD Protection
• Greater Negative Gate--Source Voltage Range for Improved Class C
Operation
• 225°C Capable Plastic Package
• In Tape and Reel. R1 Suffix = 500 Units, 44 mm Tape Width, 13 inch Reel.
R5 Suffix = 50 Units, 56 mm Tape Width, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +115
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Storage Temperature Range
Tstg
--65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature (1,2)
TJ
225
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 76°C, 18 W CW, 50 Vdc, IDQ = 350 mA, 860 MHz
Case Temperature 80°C, 90 W CW, 50 Vdc, IDQ = 350 mA, 860 MHz
RθJC
0.79
0.82
°C/W
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MRF6VP3091N
Rev. 1, 12/2011
Freescale Semiconductor
Technical Data
(Top View)
470--860 MHz, 90 W, 50 V
BROADBAND
RF POWER LDMOS TRANSISTORS
PARTS ARE PUSH--PULL
Drain 1
Figure 1. Pin Connections
Drain 2
Gate 1
Gate 2
Note: Exposed backside of the package is
the source terminal for the transistor.
CASE 1484--04, STYLE 1
TO--272 WB--4
PLASTIC
MRF6VP3091NBR1(NBR5)
CASE 1486--03, STYLE 1
TO--270 WB--4
PLASTIC
MRF6VP3091NR1(NR5)
MRF6VP3091NR1
MRF6VP3091NR5
MRF6VP3091NBR1
MRF6VP3091NBR5
© Freescale Semiconductor, Inc., 2011. All rights reserved.


Similar Part No. - RF--35

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
RF-001 PATLITE-RF-001 Datasheet
317Kb / 1P
Wallmount bracket
RF-002 PATLITE-RF-002 Datasheet
174Kb / 1P
DirectMount Bracket
logo
Recom International Pow...
RF-0505D RECOM-RF-0505D Datasheet
92Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RF-0505DH RECOM-RF-0505DH Datasheet
92Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RF-0505S RECOM-RF-0505S Datasheet
92Kb / 2P
ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RF--35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRD6S18060MR1 FREESCALE-MRD6S18060MR1 Datasheet
684Kb / 20P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S21060NR1 FREESCALE-MRF6S21060NR1 Datasheet
803Kb / 18P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S21170HR3 FREESCALE-MRF7S21170HR3 Datasheet
470Kb / 12P
RF Power Field Effect Transistors (N-Channel Enhancement-Mode Lateral MOSFETs)
MRF7S18170H FREESCALE-MRF7S18170H Datasheet
478Kb / 15P
RF Power Field Effect Transistors (N-Channel Enhancement-Mode Lateral MOSFETs)
MRF5S19090HR3 FREESCALE-MRF5S19090HR3 Datasheet
423Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF21030LR3 FREESCALE-MRF21030LR3 Datasheet
412Kb / 8P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRFE6VP61K25HR6 FREESCALE-MRFE6VP61K25HR6_11 Datasheet
933Kb / 13P
RF Power Field Effect Transistors Enhancement--Mode Lateral MOSFETs
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP8600H FREESCALE-MRFE6VP8600H Datasheet
1Mb / 20P
RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP61K25HR5 FREESCALE-MRFE6VP61K25HR5 Datasheet
857Kb / 23P
RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com