Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF--35 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # RF--35
Description  RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RF--35 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button RF--35 Datasheet HTML 2Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 3Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 4Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 5Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 6Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 7Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 8Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 9Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MRF6VP3091NR1 MRF6VP3091NR5 MRF6VP3091NBR1 MRF6VP3091NBR5
TYPICAL CHARACTERISTICS — TWO--TONE (SINGLE--ENDED NARROWBAND TEST CIRCUIT)
Figure 9. Intermodulation Distortion Products
versus Output Power
--70
--10
10
7th Order
Pout, OUTPUT POWER (WATTS) PEP
VDD =50 Vdc,IDQ = 350 mA, f1 = 854 MHz
f2 = 860 MHz, Two--Tone Measurements
3rd Order
--20
--30
--40
--60
5th Order
1
--50
100
200
Figure 10. Intermodulation Distortion
Products versus Two--Tone Spacing
10
--20
1
7th Order
TWO--TONE SPACING (MHz)
5th Order
3rd Order
--35
--45
--55
90
--65
--25
VDD =50 Vdc,Pout = 90 W (PEP), IDQ = 350 mA
f = 860 MHz, Two--Tone Measurements
--30
--40
--50
--60
Figure 11. Two--Tone Power Gain versus
Output Power
20
23.5
1
IDQ = 450 mA
Pout, OUTPUT POWER (WATTS) PEP
23
20.5
10
200
22.5
21.5
VDD = 50 Vdc, f1 = 854 MHz, f2 = 860 MHz
Two--Tone Measurements, 6 MHz Tone Spacing
250 mA
22
21
100
300 mA
350 mA
Figure 12. Third Order Intermodulation
Distortion versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
10
VDD = 50 Vdc, f1 = 854 MHz, f2 = 860 MHz
Two--Tone Measurements, 6 MHz Tone Spacing
100
1
IDQ = 250 mA
300 mA
350 mA
450 mA
--20
--40
--50
--60
--10
--30
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com