Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF--35 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # RF--35
Description  RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RF--35 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  RF--35 Datasheet HTML 1Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 2Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 3Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 4Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 5Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 6Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 7Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 8Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MRF6VP3091NR1 MRF6VP3091NR5 MRF6VP3091NBR1 MRF6VP3091NBR5
5
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS
47
56
--6
54
53
4
52
--2
0
2
P3dB = 51.28 dBm (134.3 W)
Actual
Ideal
VDD =50 Vdc,IDQ = 350 mA, f = 860 MHz
50
49
--4
P2dB = 51.06 dBm (127.6 W)
P1dB = 50.7 dBm (117.5 W)
55
51
48
--5
--3
--1
1
3
ηD
Gps
VDD =50 Vdc,IDQ = 350 mA, f = 860 MHz
50
10
1000
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 4. Capacitance versus Drain--Source Voltage
30
Ciss
100
40
Coss
Measured with ±30 mV(rms)ac @ 1 MHz, VGS =0 Vdc
24
1
0
70
100
23
21
19
60
50
40
30
Pout, OUTPUT POWER (WATTS)
Figure 5. CW Power Gain and Drain Efficiency
versus Output Power (Single--Ended
Narrowband Test Circuit)
22
20
17
200
20
Pin, INPUT POWER (dBm)
Figure 6. CW Output Power versus Input Power
(Single--Ended Narrowband Test Circuit)
16
25
10
23
21
Pout, OUTPUT POWER (WATTS)
Figure 7. CW Power Gain versus Output Power
(Single--Ended Narrowband Test Circuit)
20
130
150
Figure 8. CW Power Gain and Drain Efficiency
versus Output Power versus Temperature
(Single--Ended Narrowband Test Circuit)
Pout, OUTPUT POWER (WATTS)
18
25
1
22
24
23
100
200
IDQ = 350 mA, f = 860 MHz
18
50
70
90
110
VDD =40 V
50 V
25_C
TC =--30_C
85_C
Gps
19
21
20
VDD =50 Vdc,IDQ = 350 mA, f = 860 MHz
0
70
10
18
10
Crss
10
17
19
22
24
45 V
ηD
TC =--30_C
85_C
25_C
10
20
30
40
50
60
20
40
30
60
80
120
100
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com