Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF--35 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # RF--35
Description  RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RF--35 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button RF--35 Datasheet HTML 7Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 8Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 9Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 10Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 11Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 12Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 13Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 14Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MRF6VP3091NR1 MRF6VP3091NR5 MRF6VP3091NBR1 MRF6VP3091NBR5
11
RF Device Data
Freescale Semiconductor, Inc.
Table 7. MRF6VP3091NR1(NBR1) 470--860 MHz Broadband 2″× 3.6″ Compact Reference Circuit Component
Designations and Values
Part
Description
Part Number
Manufacturer
C1, C3, C4, C7, C8, C10
51 pF Chip Capacitors
ATC100B510GT500XT
ATC
C2
7.5 pF Chip Capacitor
ATC100B7R5CT500XT
ATC
C5
4.7 pF Chip Capacitor
ATC100B4R7CT500XT
ATC
C9
5.6 pF Chip Capacitor
ATC100B5R6CT500XT
ATC
C11, C12
47 μF, 16 V Tantalum Capacitors
T491D476K016AT
Kemet
C13, C14, C19, C20
200 pF Chip Capacitors
ATC100B201JT300XT
ATC
C21, C22
2.2 μF, 100 V Chip Capacitors
C3225X7R2A225KT
TDK
C23, C24
470 μF, 63 V Electrolytic Capacitors
MCGPR63V477M13X26--RH
Multicomp
Q1
RF High Power Transistor
MRF6VP3091NBR1
Freescale
R1, R2
10 Ω Chip Resistors
CRCW120610R0JNEA
Vishay
R3, R4
56 Ω Chip Resistors
CRCW120656R0FKEA
Vishay
PCB
0.030″, εr =3.5
RO4350B
Rogers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com