Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF--35 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # RF--35
Description  RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RF--35 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button RF--35 Datasheet HTML 5Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 6Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 7Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 8Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 9Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 10Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 11Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 12Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MRF6VP3091NR1 MRF6VP3091NR5 MRF6VP3091NBR1 MRF6VP3091NBR5
9
RF Device Data
Freescale Semiconductor, Inc.
470--860 MHz BROADBAND REFERENCE CIRCUIT
VDD =50 Volts,IDQ = 450 mA, Channel Bandwidth = 8 MHz, Input Signal PAR = 9.5 dB
@ 0.01% Probability on CCDF.
Signal Type
Pout
(W)
f
(MHz)
Gps
(dB)
ηD
(%)
Output Signal PAR
(dB)
IMD Shoulder
(dBc)
DVB--T (8k OFDM)
4.5 Avg.
470
21.7
12.6
10.1
--40.1
650
21.5
11.2
10.1
--43.1
860
21.9
11.6
9.8
--46.0
9Avg.
470
21.8
20.3
9.9
--35.9
650
21.6
17.5
9.9
--40.9
860
21.9
18.5
9.1
--41.7
18 Avg.
470
21.8
31.0
7.9
--27.8
650
21.6
26.4
8.4
--37.6
860
21.7
27.6
7.1
--30.4
Figure 20. MRF6VP3091NR1(NBR1) 470--860 MHz Broadband 2″× 3.6″ Compact Reference
Circuit Component Layout
Note: Component numbers C6, C15, C16, C17 and C18 are not used.
MRF6VP3091N
Rev. 1
R1
VGG
C11
C13
R3
C3
C4
C5
R4
C1
C2
C14
C12
R2
VGG
Q1
C7
C8
C19
C21
VDD
C23
C9
C10
C24
VDD
C20
C22
Figure 21. MRF6VP3091NR1(NBR1) 470--860 MHz Broadband 2″× 3.6″ Compact Reference
Circuit Component Layout — Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com