Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF--35 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # RF--35
Description  RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RF--35 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button RF--35 Datasheet HTML 3Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 4Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 5Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 6Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 7Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 8Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 9Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 10Page - Freescale Semiconductor, Inc RF--35 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MRF6VP3091NR1 MRF6VP3091NR5 MRF6VP3091NBR1 MRF6VP3091NBR5
7
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — DVB--T (8k OFDM)
12
0.0001
100
0
PEAK--TO--AVERAGE (dB)
Figure 13. Single--Carrier DVB--T (8k OFDM)
10
1
0.1
0.01
0.001
24
6
8
DVB--T (8k OFDM)
64 QAM Data Carrier Modulation
5 Symbols
5
--20
--5
7.61 MHz
f, FREQUENCY (MHz)
Figure 14. DVB--T (8k OFDM) Spectrum
--30
--40
--50
--90
--70
--80
--100
--110
--60
--4
--3
--2
--1
0
1
2
3
4
4kHz BW
10
ACPR Measured at 4 MHz Offset
from Center Frequency
Figure 15. Single--Carrier DVB--T (8k OFDM)
Power Gain versus Output Power
(Single--Ended Narrowband Test Circuit)
23
1
IDQ = 450 mA
Pout, OUTPUT POWER (WATTS) AVG.
10
40
350 mA
VDD = 50 Vdc, f = 860 MHz
DVB--T (8k OFDM), 64 QAM
Data Carrier Modulation, 5 Symbols
22.5
22
21.5
21
20.5
Figure 16. Single--Carrier DVB--T (8k OFDM)
ACPR versus Output Power (Single--Ended
Narrowband Test Circuit)
--68
--54
1
Pout, OUTPUT POWER (WATTS) AVG.
--56
10
40
--60
VDD = 50 Vdc, f = 860 MHz
DVB--T (8k OFDM), 64 QAM
Data Carrier Modulation, 5 Symbols
--62
IDQ = 250 mA
300 mA
--64
--66
Figure 17. Single--Carrier DVB--T (8k OFDM) Drain Efficiency,
Power Gain and ACPR versus Output Power versus
Temperature (Single--Ended Narrowband Test Circuit)
0
--70
Pout, OUTPUT POWER (WATTS) AVG.
50
--45
30
10
--50
1
--60
40
40
20
--55
10
--65
ηD
25_C
TC =--30_C
85_C
Gps
ACPR
VDD =50 Vdc,IDQ = 350 mA
f = 860 MHz, DVB--T (8k OFDM)
64 QAM Data Carrier Modulation
5 Symbols
4kHz BW
DVB--T (8k OFDM)
64 QAM Data Carrier Modulation, 5 Symbols
250 mA
300 mA
--58
350 mA
450 mA
25_C
--30_C
85_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com