Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9774EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9774EB
Description  14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9774EB Datasheet(HTML) 5 Page - Analog Devices

  AD9774EB Datasheet HTML 1Page - Analog Devices AD9774EB Datasheet HTML 2Page - Analog Devices AD9774EB Datasheet HTML 3Page - Analog Devices AD9774EB Datasheet HTML 4Page - Analog Devices AD9774EB Datasheet HTML 5Page - Analog Devices AD9774EB Datasheet HTML 6Page - Analog Devices AD9774EB Datasheet HTML 7Page - Analog Devices AD9774EB Datasheet HTML 8Page - Analog Devices AD9774EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD9774
–5–
REV. B
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9774 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Table I. Integer Filter Coefficients for First Stage Interpola-
tion Filter (55-Tap Halfband FIR Filter)
Lower
Upper
Integer
Coefficient
Coefficient
Value
H(1)
H(55)
–1
H(2)
H(54)
0
H(3)
H(53)
3
H(4)
H(52)
0
H(5)
H(51)
–7
H(6)
H(50)
0
H(7)
H(49)
15
H(8)
H(48)
0
H(9)
H(47)
–28
H(10)
H(46)
0
H(11)
H(45)
49
H(12)
H(44)
0
H(13)
H(43)
–81
H(14)
H(42)
0
H(15)
H(41)
128
H(16)
H(40)
0
H(17)
H(39)
–196
H(18)
H(38)
0
H(19)
H(37)
295
H(20)
H(36)
0
H(21)
H(35)
–447
H(22)
H(34)
0
H(23)
H(33)
706
H(24)
H(32)
0
H(25)
H(31)
–1274
H(26)
H(30)
0
H(27)
H(29)
3976
H(28)
6276
Table II. Integer Filter Coefficients for Second Stage Inter-
polation Filter (23-Tap Halfband FIR Filter)
Lower
Upper
Integer
Coefficient
Coefficient
Value
H(1)
H(23)
–6
H(2)
H(22)
0
H(3)
H(21)
37
H(4)
H(20)
0
H(5)
H(19)
–125
H(6)
H(18)
0
H(7)
H(17)
316
H(8)
H(16)
0
H(9)
H(15)
–736
H(10)
H(14)
0
H(11)
H(13)
2562
H(12)
4096
FREQUENCY – DC TO 2
fCLOCK
0
–20
–180
0
0.5
–80
–120
–140
–160
–40
–60
–100
1.0
1.5
2.0
Figure 2a. FIR Filter Frequency Response
TIME – Samples
1.0
–0.4
0
80
10
20
30
40
50
60
70
0.8
0.4
0.2
0.0
–0.2
0.6
Figure 2b. FIR Filter Impulse Response
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com