Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9774EB Datasheet(PDF) 2 Page - Analog Devices

Part # AD9774EB
Description  14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9774EB Datasheet(HTML) 2 Page - Analog Devices

  AD9774EB Datasheet HTML 1Page - Analog Devices AD9774EB Datasheet HTML 2Page - Analog Devices AD9774EB Datasheet HTML 3Page - Analog Devices AD9774EB Datasheet HTML 4Page - Analog Devices AD9774EB Datasheet HTML 5Page - Analog Devices AD9774EB Datasheet HTML 6Page - Analog Devices AD9774EB Datasheet HTML 7Page - Analog Devices AD9774EB Datasheet HTML 8Page - Analog Devices AD9774EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
–2–
REV. B
AD9774–SPECIFICATIONS
DC SPECIFICATIONS
Parameter
Min
Typ
Max
Units
RESOLUTION
14
Bits
DC ACCURACY1
Integral Linearity Error (INL)
TA = +25°C
±4
LSB
TMIN to TMAX
Differential Nonlinearity (DNL)
TA = +25°C
±3
LSB
TMIN to TMAX
Monotonicity (12-Bit)
GUARANTEED OVER RATED SPECIFICATION TEMPERATURE RANGE
ANALOG OUTPUT
Offset Error
–0.025
+0.025
% of FSR
Gain Error (Without Internal Reference)
–7
±1
+7
% of FSR
Gain Error (With Internal Reference)
+7.5
±1
+7.5
% of FSR
Full-Scale Output Current
2
20
mA
Output Compliance Range
1.25
V
Output Resistance
100
k
Ω
Output Capacitance
5
pF
REFERENCE OUTPUT
Reference Voltage
1.14
1.20
1.26
V
Reference Output Current
3
1
µA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
V
Reference Input Resistance
1
M
Ω
TEMPERATURE COEFFICIENTS
Unipolar Offset Drift
0
ppm of FSR/
°C
Gain Drift (Without Internal Reference)
±50
ppm of FSR/
°C
Gain Drift (With Internal Reference)
±100
ppm of FSR/
°C
Reference Voltage Drift
±100
ppm of FSR/
°C
POWER SUPPLY
AVDD
Voltage Range
4
2.7
5.0
5.5
V
Analog Supply Current (IAVDD)
26.5
32
mA
Analog Supply Current in SLEEP Mode (IAVDD)
3.2
5
mA
PLLVDD
Voltage Range
2.7
5.0
5.5
V
Clock Multiplier Supply Current (IPLLVDD)13
17
mA
DVDD
Voltage Range
2.7
5.0
5.5
V
Digital Supply Current at 5 V (IDVDD)
5
123.0
140.0
mA
Digital Supply Current at 5 V in SNOOZE Mode (IDVDD)
42.0
50.0
mA
Digital Supply Current at 3 V (IDVDD)
5
62.0
mA
Nominal Power Dissipation
AVDD and DVDD at 3 V
6
415
mW
AVDD and DVDD at 5 V6
1125
mW
Power Supply Rejection Ratio (PSRR)
7 – AVDD
–0.2
+0.2
% of FSR/V
Power Supply Rejection Ratio (PSRR)7 – PLLVDD
–0.025
+0.025
% of FSR/V
Power Supply Rejection Ratio (PSRR)
7 – DVDD
–0.025
+0.025
% of FSR/V
OPERATING RANGE
–40
+85
°C
NOTES
1Measured at IOUTA driving a virtual ground.
2Nominal full-scale current, IOUTFS, is 32
× the I
REF current.
3Use an external amplifier to drive any external load.
4For operation below 3 V, it is recommended that the output current be reduced to 12 mA or less to maintain optimum performance.
5Measured at f
CLOCK = 25 MSPS and fOUT = 1.01 MHz.
6Measured as unbuffered voltage output into 50
Ω R
LOAD at IOUTA and IOUTB, fCLOCK = 32 MSPS and fOUT = 12.8 MHz.
7
±5% power supply variation.
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = +5 V, PLLVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com