Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9774EB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9774EB
Description  14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9774EB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9774EB Datasheet HTML 5Page - Analog Devices AD9774EB Datasheet HTML 6Page - Analog Devices AD9774EB Datasheet HTML 7Page - Analog Devices AD9774EB Datasheet HTML 8Page - Analog Devices AD9774EB Datasheet HTML 9Page - Analog Devices AD9774EB Datasheet HTML 10Page - Analog Devices AD9774EB Datasheet HTML 11Page - Analog Devices AD9774EB Datasheet HTML 12Page - Analog Devices AD9774EB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD9774
–9–
REV. B
10
–90
0
1.0
8.0
2.0
3.0
4.0
5.0
6.0
7.0
0
–30
–40
–60
–80
–10
–20
–50
–70
MHz
Figure 13. Single Tone Spectral Plot
@ 2 MSPS w/fOUT = 800 kHz (DC to
4
× CLKIN)
AIN – dBFS
90
60
–18 –16
0
–14 –12 –10
–6
–4
–2
–8
85
80
75
70
65
1.45MHz @ 16MSPS
363kHz @ 4MSPS
727kHz @ 8MSPS
2.9MHz @ 32MSPS
Figure 16. “In-Band” Single Tone
SFDR vs. AIN @ fOUT = fCLOCK/7
(DC to CLKIN/2)
AOUT – dBFS
80
50
–18 –16
0
–14 –12 –10
–6
–4
–2
–8
75
70
65
60
55
5.6/6.4MHz @ 16MSPS
1.4/1.6MHz @ 4MSPS
2.8/3.2MHz @ 8MSPS
11.2/12.8MHz @ 32MSPS
Figure 19. “In-Band” Two Tone
SFDR vs. AOUT @ fOUT = fCLOCK/2.7
(DC to CLKIN/2)
fOUT – MHz
90
60
0.1
0.2
0.8
0.3
0.4
0.5
0.6
0.7
85
80
75
70
65
0dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 14. “Inband” SFDR vs. fOUT
@ 2 MSPS (DC to CLKIN/2)
AIN – dBFS
85
35
–18 –16
0
–14 –12 –10
–6
–4
–2
–8
80
60
50
45
40
75
70
55
65
1.45MHz @ 16MSPS
363kHz @ 4MSPS
727kHz @ 8MSPS
2.9MHz @ 32MSPS
Figure 17. Out-of-Band Single Tone
SFDR vs. AIN @ fOUT = fCLOCK/7
(DC to 3 1/2 CLKIN)
AOUT – dBFS
85
35
–18 –16
0
–14 –12 –10
–6
–4
–2
–8
80
60
50
45
40
75
70
55
65
5.6/6.4MHz @ 16MSPS
1.4/1.6MHz @ 4MSPS
2.8/3.2MHz @ 8MSPS
11.2/12.8MHz @ 32MSPS
Figure 20. “Out-of-Band” Two Tone
SFDR vs. AOUT @ fOUT = fCLOCK/2.7
(DC to 3 1/2 CLKIN)
fOUT – MHz
85
35
0
0.2
0.8
0.3
0.4
0.5
0.6
0.7
80
55
50
45
40
70
60
75
65
0dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 15. “Out-of-Band” SFDR
vs. fOUT @ 2 MSPS (CLKIN/2 to
3 1/2 CLKIN)
fCLK – MSPS
80
75
60
10
20
30
70
65
DVDD = 3.3V
DVDD = 5.0V
Figure 18. SNR vs. fCLKIN @ fOUT =
2 MHz (DC to CLKIN/2)
–10
–80
–110
0
128.0
25.6
51.2
76.8
102.4
–20
–70
–90
–100
–50
–60
–30
–40
Figure 21. Multitone Spectral Plot
@ 32 MSPS (DC to 4
× CLKIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com