Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9774EB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9774EB
Description  14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9774EB Datasheet(HTML) 3 Page - Analog Devices

  AD9774EB Datasheet HTML 1Page - Analog Devices AD9774EB Datasheet HTML 2Page - Analog Devices AD9774EB Datasheet HTML 3Page - Analog Devices AD9774EB Datasheet HTML 4Page - Analog Devices AD9774EB Datasheet HTML 5Page - Analog Devices AD9774EB Datasheet HTML 6Page - Analog Devices AD9774EB Datasheet HTML 7Page - Analog Devices AD9774EB Datasheet HTML 8Page - Analog Devices AD9774EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
–3–
REV. B
AD9774
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Maximum Output Update Rate w/DVDD = 5 V
128
MSPS
Maximum Output Update Rate w/DVDD = 3 V
100
128
MSPS
Output Settling Time (tST) (to 0.025%)
35
ns
Output Propagation Delay (tPD)
55
Clocks
1
Glitch Impulse
5
pV-s
Output Rise Time (10% to 90%)
1
2.5
ns
Output Fall Time (10% to 90%)
1
2.5
ns
Output Noise (IOUTFS = 20 mA)
50
pA/
√Hz2
AC LINEARITY TO NYQUIST
Spurious-Free Dynamic Range (SFDR) to Nyquist
fCLOCK = 25 MSPS; fOUT = 1.01 MHz
0 dBFS Output
79
dB
–6 dBFS Output
86
dB
–12 dBFS Output
75
dB
–18 dBFS Output
75
dB
fCLOCK = 32 MSPS; fOUT = 1.01 MHz
78
dB
fCLOCK = 32 MSPS; fOUT = 5.01 MHz
77
dB
fCLOCK = 32 MSPS; fOUT = 10.01 MHz
79
dB
fCLOCK = 32 MSPS; fOUT = 13.01 MHz
78
dB
Total Harmonic Distortion (THD)
fCLOCK = 25 MSPS; fOUT = 1.01 MHz; 0 dBFS
–75
dB
Signal-to-Noise Ratio (SNR)
fCLOCK = 25 MSPS; fOUT = 1.01 MHz; 0 dBFS
76
dB
NOTES
1Propagation delay is delay from data input to DAC update.
2Measured single-ended into 50
Ω load.
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = +5 V, PLLVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA, Differential Transformer
Coupled Output, 50
Doubly Terminated, unless otherwise noted)
DIGITAL SPECIFICATIONS
Parameter
Min
Typ
Max
Units
DIGITAL INPUTS
Logic “1” Voltage @ DVDD = +5 V
3.5
5
V
Logic “1” Voltage @ DVDD = +3 V
2.1
3
V
Logic “0” Voltage @ DVDD = +5 V
0
1.3
V
Logic “0” Voltage @ DVDD = +3 V
0
0.9
V
Logic “1” Current
–10
+10
µA
Logic “0” Current
–10
+10
µA
Input Capacitance
5
pF
Input Setup Time (tS)
2.5
ns
Input Hold Time (tH)
1.5
ns
Latch Pulsewidth (tLPW)4
ns
(TMIN to TMAX, AVDD = +5 V, PLLVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA unless otherwise noted)
0.025%
0.025%
tS
tH
tLPW
t
PD
t
ST
DB0–DB11
CLOCK
IOUTA
OR
IOUTB
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com