Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9774EB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9774EB
Description  14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9774EB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9774EB Datasheet HTML 10Page - Analog Devices AD9774EB Datasheet HTML 11Page - Analog Devices AD9774EB Datasheet HTML 12Page - Analog Devices AD9774EB Datasheet HTML 13Page - Analog Devices AD9774EB Datasheet HTML 14Page - Analog Devices AD9774EB Datasheet HTML 15Page - Analog Devices AD9774EB Datasheet HTML 16Page - Analog Devices AD9774EB Datasheet HTML 17Page - Analog Devices AD9774EB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD9774
–14–
REV. B
AD9774
AVDD
IOUTA
IOUTB
RLOAD
RLOAD
Figure 31. Equivalent Analog Output Circuit
IOUTA and IOUTB also have a negative and positive voltage
compliance range. The negative output compliance range of
–1.0 V is set by the breakdown limits of the CMOS process.
Operation beyond this maximum limit may result in a break-
down of the output stage and affect the reliability of the AD9774.
The positive output compliance range is slightly dependent on
the full-scale output current, IOUTFS. It degrades slightly from its
nominal 1.25 V for an IOUTFS = 20 mA to 1.00 V for an IOUTFS =
2 mA. Operation beyond the positive compliance range will
induce clipping of the output signal, which severely degrades
the AD9774’s linearity and distortion performance.
For applications requiring the optimum dc linearity, IOUTA
and/or IOUTB should be maintained at a virtual ground via an
I-V op amp configuration. Maintaining IOUTA and/or IOUTB
at a virtual ground keeps the output impedance of the AD9774
fixed, significantly reducing its effect on linearity. However, it
does not necessarily lead to the optimum distortion perfor-
mance due to limitations of the I-V op amp. Note that the
INL/DNL specifications for the AD9774 are measured in this
manner using IOUTA. In addition, these dc linearity specifi-
cations remain virtually unaffected over the specified power
supply range of 2.7 V to 5.5 V.
Operating the AD9774 with reduced voltage output swings at
IOUTA and IOUTB in a differential or single-ended output
configuration reduces the signal dependency of its output im-
pedance thus enhancing distortion performance. Although the
voltage compliance range of IOUTA and IOUTB extends from
–1.0 V to +1.25 V, optimum distortion performance is achieved
when the maximum full-scale signal at IOUTA and IOUTB
does not exceed approximately 0.5 V. A properly selected trans-
former with a grounded center-tap will allow the AD9774 to
provide the required power and voltage levels to different loads
while maintaining reduced voltage swings at IOUTA and
IOUTB. DC-coupled applications requiring a differential or
single-ended output configuration should size RLOAD accord-
ingly. Refer to Applying the AD9774 section for examples of
various output configurations.
The most significant improvement in the AD9774’s distortion
and noise performance is realized using a differential output
configuration. The common-mode error sources of both IOUTA
and IOUTB can be substantially reduced by the common-mode
rejection of a transformer or differential amplifier. These
common-mode error sources include even-order distortion
products and noise. The enhancement in distortion performance
becomes more significant as the reconstructed waveform’s
frequency content increases and/or its amplitude decreases.
The distortion and noise performance of the AD9774 is also
slightly dependent on the analog and digital supply as well as the
full-scale current setting, IOUTFS. Operating the analog supply at
5.0 V ensures maximum headroom for its internal PMOS current
sources and differential switches leading to improved distortion
performance. Although IOUTFS can be set between 2 mA and
20 mA, selecting an IOUTFS of 20 mA will provide the best dis-
tortion and noise performance. The noise performance of the
AD9774 is affected by the digital supply (DVDD), output fre-
quency, and increases with increasing clock rate. Operating the
AD9774 with low voltage logic levels between 3 V and 3.3 V
will slightly reduce the amount of on-chip digital noise.
In summary, the AD9774 achieves the optimum distortion and
noise performance under the following conditions:
(1) Differential Operation.
(2) Positive voltage swing at IOUTA and IOUTB limited to
+0.5 V.
(3) IOUTFS set to 20 mA.
(4) Analog Supply (AVDD) set at 5.0 V.
(5) Digital Supply (DVDD) and Phase Lock Loop Supply
(PLLVDD) set at 3.0 V to 3.3 V with appropriate logic
levels.
Note that the ac performance of the AD9774 is characterized
under the above-mentioned operating conditions.
DIGITAL INPUTS/OUTPUTS
The digital input of the AD9774 consists of 14 data input pins
and a clock input pin, and several control input pins. Since
some of the internal logic is operated from DVDD and PLLVDD,
they must be set to the same or similar levels to ensure proper
compatibility with any external logic/drivers. The two digital
outputs of the AD9774, PLL LOCK and CLK OUT originate
from the internal PLL circuitry and thus its output logic levels
will be set by PLLVDD.
The 14-bit parallel data inputs follow standard positive binary
coding where DB13 is the most significant bit (MSB), and DB0
is the least significant bit (LSB). IOUTA produces a full-scale
output current when all data bits are at Logic 1. IOUTB pro-
duces a complementary output with the full-scale current split
between the two outputs as a function of the input code.
The digital interface is implemented using an edge-triggered
master slave latch and is designed to support a clock and input
data rate as high as 32 MSPS. The clock can be operated at any
duty cycle that meets the specified latch pulsewidth as shown in
Figure 1. The setup and hold times can also be varied within the
clock cycle as long as the specified minimum times are met.
The digital inputs are CMOS-compatible with logic thresholds,
VTHRESHOLD, set to approximately half the digital positive supply
(i.e., DVDD or PLLVDD) or
VTHRESHOLD = DVDD/2 (± 20%)
The internal digital circuitry of the AD9774 is capable of operating
over a digital supply range of 2.7 V to 5.5 V. As a result, the
digital inputs can also accommodate TTL levels when DVDD is
set to accommodate the maximum high level voltage of the TTL
drivers VOH(MAX). A DVDD of 3 V to 3.3 V will typically ensure
proper compatibility with most TTL logic families. Figure 32
shows the equivalent digital input circuit for the data and clock
inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com