Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9774EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9774EB
Description  14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9774EB Datasheet(HTML) 1 Page - Analog Devices

  AD9774EB Datasheet HTML 1Page - Analog Devices AD9774EB Datasheet HTML 2Page - Analog Devices AD9774EB Datasheet HTML 3Page - Analog Devices AD9774EB Datasheet HTML 4Page - Analog Devices AD9774EB Datasheet HTML 5Page - Analog Devices AD9774EB Datasheet HTML 6Page - Analog Devices AD9774EB Datasheet HTML 7Page - Analog Devices AD9774EB Datasheet HTML 8Page - Analog Devices AD9774EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9774
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
14-Bit, 32 MSPS TxDAC+™
with 4
Interpolation Filters
FUNCTIONAL BLOCK DIAGRAM
VCO
IN/EXT
PLL
DIVIDE
PLLCOM
REFLO
PLL CLOCK
MULTIPLIER
REFIO
SNOOZE
IOUTA
FSADJ
AD9774
SLEEP
DCOM
DVDD
ICOMP ACOM AVDD
+1.2V REFERENCE
AND CONTROL AMP
PLL
ENABLE
PLLLOCK
CLK4 IN
PLLVDD
LPF
IOUTB
EDGE
TRIGGERED
LATCHES
14
14-BIT
DAC
DATA
INPUTS
(DB13-DB0)
2
2
1
2
4
4
14
14
14
CLK IN/OUT
REFCOMP
PRODUCT DESCRIPTION
The AD9774 is a single supply, oversampling, 14-bit digital-to-
analog converter (DAC) optimized for waveform reconstruction
applications requiring exceptional dynamic range. Manufac-
tured on an advanced CMOS process, it integrates a complete,
low distortion 14-bit DAC with a 4
× digital interpolation filter
and clock multiplier. The two-stage, 4
× digital interpolation
filter provides more than a six-fold reduction in the complexity
of the analog reconstruction-filter. It does so by multiplying the
input data rate by a factor of four while simultaneously suppressing
the original inband images by more than 69 dB. The on-chip
clock multiplier provides all the necessary clocks. The AD9774
can reconstruct full-scale waveforms having bandwidths as high
as 13.5 MHz when operating at an input data rate of 32 MSPS
and a DAC output rate of 128 MSPS.
The 14-bit DAC provides differential current outputs to support
differential or single-ended applications. A segmented current
source architecture is combined with a proprietary switching tech-
nique to reduce spurious components and enhance dynamic per-
formance. Matching between the two current outputs ensures
enhanced dynamic performance in a differential output configura-
tion. The differential current outputs may be fed into a transformer
or tied directly to an output resistor to provide two complementary,
single-ended voltage outputs. A differential op amp topology can
also be used to obtain a single-ended output voltage. The output
voltage compliance range is nominally 1.25 V.
Edge-triggered input latches, a 4
× clock multiplier, and a tem-
perature compensated bandgap reference have also been inte-
grated to provide a complete monolithic DAC solution. Flexible
supply options support +3 V and +5 V CMOS logic families.
TTL logic levels can also be accommodated by reducing the
AD9774 digital supply.
The on-chip reference and control amplifier are configured for
maximum accuracy and flexibility. The AD9774 can be driven
by the on-chip reference or by a variety of external reference
voltages. The full-scale current of the AD9774 can be adjusted
over a 2 mA to 20 mA range, thus providing additional gain
ranging capabilities.
The AD9774 is available in a 44-lead MQFP package. It is
specified for operation over the industrial temperature range.
PRODUCT HIGHLIGHTS
1. On-Chip 4
× interpolation filter eases analog reconstruction
filter requirements by suppressing the first three images by 69 dB.
2. Low glitch and fast settling time provide outstanding dynamic
performance for waveform reconstruction or digital synthesis
requirements, including communications.
3. On-chip, edge-triggered input CMOS latches interface readily
to CMOS and TTL logic families. The AD9774 can support
input data rates up to 32 MSPS.
4. A temperature compensated, 1.20 V bandgap reference is
included on-chip, providing a complete DAC solution. An
external reference may also be used.
5. The current output(s) of the AD9774 can easily be configured
for various single-ended or differential circuit topologies.
6. On-chip clock multiplier generates all the high-speed clocks
required by the internal interpolation filters. Both 2
× and 4×
clocks are generated from the lower rate data clock supplied
by the user.
TxDAC+ is a trademark of Analog Devices, Inc.
FEATURES
Single 3 V or 5 V Supply
14-Bit DAC Resolution and Input Data Width
32 MSPS Input Data Rate at 5 V
13.5 MHz Reconstruction Bandwidth
12 ENOBS @ 1 MHz
77 dBc SFDR @ 5 MHz
4
Interpolation Filter
69 dB Image Rejection
84% Passband to Nyquist Ratio
0.002 dB Passband Ripple
23 3/4 Cycle Latency
Internal 4
Clock Multiplier
On-Chip 1.20 V Reference
44-Lead MQFP Package
APPLICATIONS
Communication Transmit Channel:
Wireless Basestations
ADSL/HFC Modems
Direct Digital Synthesis (DDS)


Similar Part No. - AD9774EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9774 AD-AD9774 Datasheet
302Kb / 24P
14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
REV. B
AD9774ASZ AD-AD9774ASZ Datasheet
302Kb / 24P
14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
REV. B
More results

Similar Description - AD9774EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9761 AD-AD9761 Datasheet
246Kb / 23P
Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV.A
AD9772 AD-AD9772 Datasheet
340Kb / 30P
14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
REV.0
AD9772A AD-AD9772A Datasheet
596Kb / 32P
14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
AD9775 AD-AD9775 Datasheet
5Mb / 48P
14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV.0
AD9786 AD-AD9786 Datasheet
1Mb / 60P
16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
7/04-Revision 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
AD9774ASZ AD-AD9774ASZ Datasheet
302Kb / 24P
14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
REV. B
AD9772 AD-AD9772_15 Datasheet
389Kb / 30P
14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
REV. 0
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com