Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9774EB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9774EB
Description  14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9774EB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9774EB Datasheet HTML 15Page - Analog Devices AD9774EB Datasheet HTML 16Page - Analog Devices AD9774EB Datasheet HTML 17Page - Analog Devices AD9774EB Datasheet HTML 18Page - Analog Devices AD9774EB Datasheet HTML 19Page - Analog Devices AD9774EB Datasheet HTML 20Page - Analog Devices AD9774EB Datasheet HTML 21Page - Analog Devices AD9774EB Datasheet HTML 22Page - Analog Devices AD9774EB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD9774
–19–
REV. B
A multitone test vector may consist of several equal amplitude,
spaced carriers each representative of a channel within a defined
bandwidth as shown in Figure 42a. In many cases, one or more
tones are removed so the intermodulation distortion performance
of the DAC can be evaluated. Nonlinearities associated with the
DAC will create spurious tones of which some may fall back into
the “empty” channel thus limiting a channel’s carrier-to-noise
ratio. Other spurious components falling outside the band of
interest may also be important, depending on the system’s spectral
mask and filtering requirements.
This particular test vector was centered around one-half the
Nyquist bandwidth (i.e., fCLOCK/4) with a passband of fCLOCK/16.
Centering the tones at a much lower region (i.e., fCLOCK/10)
would lead to an improvement in performance while centering
the tones at a higher region (i.e., fCLOCK/2.5) would result in a
degradation in performance. Figure 43a shows the SFDR vs.
amplitude at 32 MSPS up to the Nyquist frequency while Fig-
ure 43b shows the SFDR vs. amplitude within the passband of
the test vector. In assessing a DAC’s multitone performance, it
is also recommended that several units be tested under exactly
the same conditions to determine any performance variability.
AD9774 EVALUATION BOARD
General Description
The AD9774-EB is an evaluation board for the AD9774 14-bit
DAC converter. Careful attention to layout and circuit design,
combined with a prototyping area, allows the user to easily and
effectively evaluate the AD9774 in signal reconstruction applica-
tions, where high resolution, high speed conversion is required.
This board allows the user the flexibility to operate the AD9774
in various configurations. The digital inputs are designed to be
driven directly from various word generators with the onboard
option to add a resistor network for proper load termination.
Provisions are also made to operate the AD9774 with either the
internal or external reference or to exercise the SLEEP or
SNOOZE power-savings feature.
AOUT – dBFS
80
40
–18
0
–16
–14
–12
–10
–8
–6
–4
–2
75
70
65
60
55
50
45
Figure 43a. Multitone SFDR vs. AOUT @ 32 MSPS
(Up to Nyquist)
AOUT – dBFS
80
50
–18
0
–16
–14
–12
–10
–8
–6
–4
–2
75
70
65
60
55
8MSPS
16MSPS
32MSPS
Figure 43b. Multitone SFDR vs. AOUT @ 32 MSPS
(Within Multitone Passband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com