Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9849 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9849
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9849 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9849 Datasheet HTML 7Page - Analog Devices AD9849 Datasheet HTML 8Page - Analog Devices AD9849 Datasheet HTML 9Page - Analog Devices AD9849 Datasheet HTML 10Page - Analog Devices AD9849 Datasheet HTML 11Page - Analog Devices AD9849 Datasheet HTML 12Page - Analog Devices AD9849 Datasheet HTML 13Page - Analog Devices AD9849 Datasheet HTML 14Page - Analog Devices AD9849 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
REV. 0
AD9848/AD9849
–11–
SYSTEM OVERVIEW
CCD
SERIAL
INTERFACE
DOUT
DIGITAL IMAGE
PROCESSING
ASIC
V-DRIVER
HD, VD
CLI
V1–V4, VSG1–VSG8, SUBCK
H1–H4, RG
CCDIN
AD9848/AD9849
INTEGRATED
AFE+TD
Figure 1a. Typical Application (Internal Mode)
CCD
SERIAL
INTERFACE
DOUT
DIGITAL IMAGE
PROCESSING
ASIC
V-DRIVER
HD, VD
CLI
V1–V4, VSG1–VSG8, SUBCK
H1–H4, RG
CCDIN
AD9848/AD9849
INTEGRATED
AFE+TD
PBLK
HBLK
CLPDM
CLPOB
Figure 1b. Typical Application (External Mode)
Figure 1a and 1b show the typical system application diagrams
for the AD9848/AD9849. The CCD output is processed by the
AD9848/AD9849’s AFE circuitry, which consists of a CDS,
PxGA, VGA, black level clamp, and A/D converter. The digi-
tized pixel information is sent to the digital image processor
chip, where all post-processing and compression occurs. To
operate the CCD, CCD timing parameters are programmed
into the AD9848/AD9849 from the image processor, through
the 3-wire serial interface. From the system master clock, CLI,
provided by the image processor, the AD9848/AD9849 gener-
ates the high speed CCD clocks and all internal AFE clocks. All
AD9848/AD9849 clocks are synchronized with VD and HD.
Figure 1a shows the AD9848/AD9849 used in Internal mode,
in which all the horizontal pulses (CLPOB, CLPDM, PBLK,
and HBLK) are programmed and generated internally. Figure 1b
shows the AD9848/AD9849 operating in external mode, in
which the horizontal pulses are supplied externally by the
image processor.
The H-drivers for H1–H4 and RG are included in the AD9848/
AD9849, allowing these clocks to be directly connected to the
CCD. H-drive voltage of 5 V is supported in the AD9849.
Figure 2 shows the horizontal and vertical counter dimensions
for the AD9848/AD9849. All internal horizontal clocking is
programmed using these dimensions, to specify line and
pixel locations.
MAXIMUM FIELD DIMENSIONS
12-BIT HORIZONTAL = 4096 PIXELS MAX
12-BIT VERTICAL = 4096 LINES MAX
Figure 2. Vertical and Horizontal Counters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com