Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9849 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9849
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9849 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9849 Datasheet HTML 15Page - Analog Devices AD9849 Datasheet HTML 16Page - Analog Devices AD9849 Datasheet HTML 17Page - Analog Devices AD9849 Datasheet HTML 18Page - Analog Devices AD9849 Datasheet HTML 19Page - Analog Devices AD9849 Datasheet HTML 20Page - Analog Devices AD9849 Datasheet HTML 21Page - Analog Devices AD9849 Datasheet HTML 22Page - Analog Devices AD9849 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
REV. 0
AD9848/AD9849
–19–
PRECISION TIMING HIGH-SPEED TIMING
GENERATION
The AD9848 and AD9849 generate flexible high-speed timing
signals using the Precision Timing core. This core is the founda-
tion for generating the timing used for both the CCD and the
AFE; the reset gate RG, horizontal drivers H1–H4, and the
SHP/SHD sample clocks. A unique architecture makes it
routine for the system designer to optimize image quality, by
providing precise control over the horizontal CCD readout
and the AFE correlated double sampling.
Timing Resolution
The Precision Timing core uses a 1X master clock input (CLI) as
a reference. This clock should be the same as the CCD pixel
clock frequency. Figure 4 illustrates how the internal timing core
divides the master clock period into 48 steps or edge positions.
Therefore, the edge resolution of the Precision Timing core is
(tCLI/48). For more information on using the CLI input, see the
Application Information section.
High Speed Clock Programmability
Figure 5 shows how the high-speed clocks RG, H1–H4, SHP,
and SHD are generated. The RG pulse has programmable rising
and falling edges, and may be inverted using the polarity control.
The horizontal clocks H1 and H3 have programmable rising and
falling edges, and polarity control. The H2 and H4 clocks are
always inverses of H1 and H3 respectively. Table II summarizes
the high-speed timing registers and their parameters.
The edge location registers are 6 bits wide, but there are only
48 valid edge locations available. Therefore, the register values
are mapped into four quadrants, with each quadrant containing
12 edge locations. Table III shows the correct register values
for the corresponding edge locations. Figure 6 shows the range
and default locations of the high-speed clock signals.
NOTES
1. PIXEL CLOCK PERIOD IS DIVIDED INTO 48 POSITIONS, PROVIDING FINE EDGE RESOLUTION FOR HIGH-SPEED CLOCKS.
2. THERE IS A FIXED DELAY FROM THE CLI INPUT TO THE INTERNAL PIXEL PERIOD POSITIONS (
tCLIDLY = 6 ns TYP).
P[0]
P[48]=P[0]
P[12]
P[24]
P[36]
1 PIXEL
PERIOD
...
...
CLI
tCLIDLY
POSITION
Figure 4. High-Speed Clock Resolution From CLI Master Clock Input
H1/H3
H2/H4
CCD SIGNAL
RG
(1)
(2)
(3)
(4)
(5)
(6)
NOTES
PROGRAMMABLE CLOCK POSITIONS:
(1) RG RISING EDGE AND (2) FALLING EDGE
(3) SHP AND (4) SHD SAMPLE LOCATION
(5) H1/H3 RISING EDGE POSITION AND (6) FALLING EDGE POSITION (H2/H4 ARE INVERSE OF H1/H3)
Figure 5. High-Speed Clock Programmable Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com