Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9849 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9849
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9849 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9849 Datasheet HTML 27Page - Analog Devices AD9849 Datasheet HTML 28Page - Analog Devices AD9849 Datasheet HTML 29Page - Analog Devices AD9849 Datasheet HTML 30Page - Analog Devices AD9849 Datasheet HTML 31Page - Analog Devices AD9849 Datasheet HTML 32Page - Analog Devices AD9849 Datasheet HTML 33Page - Analog Devices AD9849 Datasheet HTML 34Page - Analog Devices AD9849 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
REV. 0
AD9848/AD9849
–31–
APPLICATIONS INFORMATION
External Circuit Configuration
The AD9848/AD9849 recommended circuit configuration for
External Mode is shown in Figure 21. All signals should be
carefully routed on the PCB to maintain low noise performance.
The CCD output signal should be connected to Pin 29 through
a 0.1
µF capacitor. The CCD timing signals H1–H4 and RG
should be routed directly to the CCD with minimum trace
lengths, as shown in Figures 22a and 22b. The digital outputs
and clock inputs are located on Pins 1–12 and Pins 36–48,
and should be connected to the digital ASIC, away from the
analog and CCD clock signals. The CLI signal from the ASIC
may be routed under the package to Pin 23. This will help separate
the CLI signal from the H1–H4 and RG signal routing.
Grounding and Decoupling Recommendations
As shown in Figure 21, a single ground plane is recommended
for the AD9848/AD9849. This ground plane should be as
continuous as possible, particularly around Pins 25 through 35.
This will ensure that all analog decoupling capacitors provide
the lowest possible impedance path between the power and
bypass pins and their respective ground pins. All decoupling
capacitors should be located as close as possible to the package
pins. Placing series resistors close to the digital output pins
(Pins 1–12, 47–48) may help reduce digital code transition
noise. If the digital outputs must drive a load larger than 20 pF,
buffering is recommended to minimize additional noise.
Power supply decoupling is very important in achieving low
noise performance. Figure 21 shows the local high frequency
decoupling capacitors, but additional capacitance is recom-
mended for lower frequencies. Additional capacitors and ferrite
beads can further reduce noise.
3V
DIGITAL
SUPPLY
SERIAL
INTERFACE
3
CCD
SIGNAL
CLOCK
INPUTS
6
0.1 F
36
35
34
33
32
31
30
29
28
27
26
25
3V
DRIVER
SUPPLY
13 14 15 16
CLOCK
INPUT
17 18 19 20 21 22 23 24
1
2
RG DRIVER
SUPPLY
3
H DRIVER
SUPPLY
4
5
6
7
8
9
10
11
3V
ANALOG
SUPPLY
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
SL
REFT
REFB
CMLEVEL
0.1 F
AVSS3
AVDD3
BYP3
D2
D3
1 F
D4
D5
D6
DVSS3
1 F
DVDD3
D7
D8
D9
D10
CCDIN
BYP2
BYP1
AVDD2
AD984 9
(MSB) D11
AVSS2
3V
ANALOG
SUPPLY
0.1 F
3V
ANALOG
SUPPLY
DATA
OUTPUTS
12
0.1 F 0.1 F 0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
HIGH-SPEED
CLOCKS
5
Figure 21. Recommend Circuit Configuration for External Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com