Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9849 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9849
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9849 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9849 Datasheet HTML 25Page - Analog Devices AD9849 Datasheet HTML 26Page - Analog Devices AD9849 Datasheet HTML 27Page - Analog Devices AD9849 Datasheet HTML 28Page - Analog Devices AD9849 Datasheet HTML 29Page - Analog Devices AD9849 Datasheet HTML 30Page - Analog Devices AD9849 Datasheet HTML 31Page - Analog Devices AD9849 Datasheet HTML 32Page - Analog Devices AD9849 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
REV. 0
AD9848/AD9849
–29–
COLOR
STEERING
CONTROL
4:1
MUX
3
GAIN0
GAIN1
GAIN2
GAIN3
PxGA
PxGA STEERING
MODE
SELECTION
2
6
VD
HD
PxGA GAIN
REGISTERS
CONTROL
REGISTER
BITS D0–D2
SHP/SHD
VGA
CDS
Figure 17. PxGA Block Diagram
RGr
R
Gr
Gb
B
Gb
B
RGr
R
Gr
Gb
B
Gb
B
GAIN0, GAIN1, GAIN0, GAIN1...
LINE0
GAIN2, GAIN3, GAIN2, GAIN3...
LINE1
GAIN0, GAIN1, GAIN0, GAIN1...
LINE2
CCD: PROGRESSIVE BAYER
MOSAIC SEPARATE COLOR
STEERING MODE
Figure 18a. CCD Color Filter Example: Progressive Scan
RGr
R
Gr
RGr
R
Gr
RGr
R
Gr
RGr
R
Gr
GAIN0, GAIN1, GAIN0, GAIN1...
LINE0
GAIN0, GAIN1, GAIN0, GAIN1...
LINE1
GAIN0, GAIN1, GAIN0, GAIN1...
LINE2
CCD: INTERLACED BAYER
EVEN FIELD
VD SELECTED COLOR
STEERING MODE
Gb
B
Gb
B
Gb
B
Gb
B
Gb
B
Gb
B
Gb
B
Gb
B
GAIN2, GAIN3, GAIN2, GAIN3...
LINE0
GAIN2, GAIN3, GAIN2, GAIN3...
LINE1
GAIN2, GAIN3, GAIN2, GAIN3...
LINE2
ODD FIELD
Figure 18b. CCD Color Filter Example: Interlaced
The same Bayer pattern can also be interlaced, and the VD
selected mode should be used with this type of CCD (see
Figure 18b). The Color Steering performs the proper multi-
plexing of the R, G, and B gain values (loaded into the PxGA
gain registers), and is synchronized by the user with vertical
(VD) and horizontal (HD) sync pulses. For more detailed
information, see the PxGA Timing section. The PxGA gain
for each of the four channels is variable from –2 dB to +10 dB,
controlled in 64 steps through the serial interface. The PxGA
gain curve is shown in Figure 19.
PxGA GAIN REGISTER CODE
10
32
40
48
58
0
8
16
24
31
8
6
4
2
0
–2
(011111)
(100000)
Figure 19. PxGA Gain Curve
Variable Gain Amplifier
The VGA stage provides a gain range of 2 dB to 36 dB, pro-
grammable with 10-bit resolution through the serial digital
interface. Combined with 4 dB from the PxGA stage, the total
gain range for the AD9848/AD9849 is 6 dB to 40 dB. The
minimum gain of 6 dB is needed to match a 1 V input signal
with the ADC full-scale range of 2 V. When compared to 1 V
full-scale systems (such as ADI’s AD9803), the equivalent gain
range is 0 dB to 34 dB.
The VGA gain curve is divided into two separate regions. When
the VGA Gain Register code is between 0 and 511, the curve
follows a (1 + x)/(1 – x) shape, which is similar to a “linear-in-dB”
characteristic. From code 512 to code 1023, the curve follows a
“linear-in-dB” shape. The exact VGA gain can be calculated for
any Gain Register value by using the following two equations:
Code Range
Gain Equation (dB)
0 – 511
Gain = 20 log10 ([658 + code]/[658 – code]) – 0.4
512 – 1023
Gain = (0.0354)(code) – 0.04
VGA GAIN REGISTER CODE
36
0
127
255
383
511
639
767
895
1023
30
24
18
12
6
0
Figure 20. VGA Gain Curve (Gain from PxGA Not
Included)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com