Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9849 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9849
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9849 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9849 Datasheet HTML 26Page - Analog Devices AD9849 Datasheet HTML 27Page - Analog Devices AD9849 Datasheet HTML 28Page - Analog Devices AD9849 Datasheet HTML 29Page - Analog Devices AD9849 Datasheet HTML 30Page - Analog Devices AD9849 Datasheet HTML 31Page - Analog Devices AD9849 Datasheet HTML 32Page - Analog Devices AD9849 Datasheet HTML 33Page - Analog Devices AD9849 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
REV. 0
AD9848/AD9849
–30–
Optical Black Clamp
The optical black clamp loop is used to remove residual offsets in
the signal chain and to track low-frequency variations in the CCD’s
black level. During the optical black (shielded) pixel interval on
each line, the ADC output is compared with a fixed black level
reference, selected by the user in the Clamp Level Register. The
value can be programmed between 0 LSB and 63.75 LSB on the
AD9848, and between 0 LSB and 255 LSB on the AD9849. The
clamp level can be programmed with 8-bit resolution. The result-
ing error signal is filtered to reduce noise, and the correction value
is applied to the ADC input through a D/A converter. Normally,
the optical black clamp loop is turned on once per horizontal line,
but this loop can be updated more slowly to suit a particular
application. If external digital clamping is used during the post
processing, the AD9848/AD9849 optical black clamping may be
disabled using Bit D2 in the OPRMODE Register. When the loop
is disabled, the Clamp Level Register may still be used to provide
programmable offset adjustment.
The CLPOB pulse should be placed during the CCD’s optical
black pixels. It is recommended that the CLPOB pulse duration
be at least 20 pixels wide to minimize clamp noise. Shorter pulse-
widths may be used, but clamp noise may increase, and the ability
to track low-frequency variations in the black level will be reduced.
See the section on Horizontal Clamping and Blanking and also
the Applications Information section for timing examples.
A/D Converter
The AD9848/AD9849 uses high-performance 10-bit/12-bit
ADC architecture, optimized for high speed and low power.
Differential Nonlinearity (DNL) performance is typically better
than 0.5 LSB. The ADC uses a 2 V input range. Better noise
performance results from using a larger ADC full-scale range.
See TPC 1–TPC 4 for typical linearity and noise performance
plots for the AD9848/AD9849.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com