Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9849 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9849
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9849 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9849 Datasheet HTML 9Page - Analog Devices AD9849 Datasheet HTML 10Page - Analog Devices AD9849 Datasheet HTML 11Page - Analog Devices AD9849 Datasheet HTML 12Page - Analog Devices AD9849 Datasheet HTML 13Page - Analog Devices AD9849 Datasheet HTML 14Page - Analog Devices AD9849 Datasheet HTML 15Page - Analog Devices AD9849 Datasheet HTML 16Page - Analog Devices AD9849 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
REV. 0
AD9848/AD9849
–13–
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
AFE Registers
# Bits
56
00
[5:0]
6
00
oprmode[5:0]
AFE Operation Mode (See AFE Register Breakdown)
01
[1:0]
2
00
oprmode[7:6]
02
[5:0]
6
16
ccdgain[5:0]
VGA Gain
03
[3:0]
4
02
ccdgain[9:6]
04
[5:0]
6
00
refblack[5:0]
Black Clamp Level
05
[1:0]
2
02
refblack[7:6]
06
[5:0]
6
00
ctlmode
Control Mode (See AFE Register Breakdown)
07
[5:0]
6
00
pxga gain0
PxGA Color 0 Gain
08
[5:0]
6
00
pxga gain1
PxGA Color 1 Gain
09
[5:0]
6
00
pxga gain2
PxGA Color 2 Gain
0A
[5:0]
6
00
pxga gain3
PxGA Color 3 Gain
Miscellaneous/Extra
# Bits
26
16
[0]
1
00
out_cont
Output Control (0 = Make All Outputs DC Inactive)
17
[5:0]
6
00
update[5:0]
Serial Data Update Control (Sets the line within the field
18
[5:0]
6
00
update[11:6]
for serial data update to occur.)
19
[0]
1
00
preventupdate
Prevent the Update of the “VD/HD Updated” Registers
1A
[0]
1
00
readback
Serial Interface Readback Enable
1B
[5:0]
6
00
doutphase
DOUT Phase Control
1C
[0]
1
00
disablerestore
Disable CCDIN DC Restore Circuit During PBLK
(1 = Disable)
1D
[0]
1
00
vdhdpol
VD/HD Active Polarity (0 = Low Active, 1 = High Active)
1E
[0]
1
01
fieldval
Internal Field Pulse Value (0 = Next Field Odd,
1 = Next Field Even)
1F
[0]
1
00
hblkretime
Re-Sync hblk to h1 Clock
20
internal test mode
Addresses 20 to 25 Reserved for Internal Test Modes
26
[0]
1
00
tgcore_rstb
TG Core Reset_Bar (0 = Hold TG Core in Reset,
1 = Resume Normal Operation)
Notes about Accessing a Double-Wide Register
There are many double-wide registers in the AD9848/AD9849, for example: oprmode, clpdmtog1_0, clpdmscp3, etc. These regis-
ters are configured into two consecutive 6-bit registers with the least significant six bits located in the lower of the two addresses and
the remaining most significant bits located in the higher of the two addresses. For example, the 6 LSBs of the clpdmscp3 regis-
ter, clpdmscp3[5:0], are located at address 0x81. The most significant six bits of the clpdmscp3 register, clpdmscp3[11:6], are
located at address 0x82. The following rules must be followed when accessing double-wide registers:
1. When accessing a double-wide register, BOTH addresses must be written to.
2. The lower of the two consecutive addresses for the double-wide register must be written to first. In the example of the clpdmscp3
register, the contents of address 0x81 must be written first followed by the contents of address 0x82. The register will be updated
after the completion of the write to register 0x82, either at the next SL rising edge or next VD/HD falling edge.
3. A single write to the lower of the two consecutive addresses of a double-wide register that is not followed by a write to the higher
address of the registers, is not permitted. This will not update the register.
4. A single write to the higher of the two consecutive addresses of a double-wide register that is not preceded by a write to the lower
of the two address, is not permitted. Although the write to the higher address will update the full double-wide register, the lower
six bits of the register will be written with an indeterminate value if the lower address was not written first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com