Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9849 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9849
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9849 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9849 Datasheet HTML 14Page - Analog Devices AD9849 Datasheet HTML 15Page - Analog Devices AD9849 Datasheet HTML 16Page - Analog Devices AD9849 Datasheet HTML 17Page - Analog Devices AD9849 Datasheet HTML 18Page - Analog Devices AD9849 Datasheet HTML 19Page - Analog Devices AD9849 Datasheet HTML 20Page - Analog Devices AD9849 Datasheet HTML 21Page - Analog Devices AD9849 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
REV. 0
AD9848/AD9849
–18–
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
AFE REGISTER BREAKDOWN
Serial Address:
oprmode
[7:0]
8'h0
8'h00 {oprmode[5:0]}, 8'h01 {oprmode[7:6]}
[1:0]
2'h0
powerdown[1:0]
Full Power
2'h1
Fast Recovery
2'h2
Reference Standby
2'h3
Total Shutdown
[2]
disblack
Disable Black Loop Clamping (HI Active)
[3]
test mode
Test Mode—Should Be Set LOW
[4]
test mode
Test Mode—Should Be Set HIGH
[5]
test mode
Test Mode—Should Be Set LOW
[6]
test mode
Test Mode—Should Be Set LOW
[7]
test mode
Test Mode—Should Be Set LOW
ctlmode
[5:0]
6'h0
Serial Address: 8'h06 {cltmode[5:0]}
[2:0]
3'h0
ctlmode[2:0]
Off
3'h1
Mosaic Separate
3'h2
VD Selected/Mosaic Interlaced
3'h3
Mosaic Repeat
3'h4
Three-Color
3'h5
Three-Color II
3'h6
Four-Color
3'h7
Four-Color II
[3]
enablepxga
Enable PxGA (HI Active)
[4]
1'h0
outputlat
Latch Output Data on Selected DOUT Edge
1'h1
Leave Output Latch Transparent
[5]
1'h0
tristateout
ADC Outputs are Driven
1'h1
ADC Outputs are Three-Stated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com