Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9873 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9873
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9873 Datasheet HTML 2Page - Analog Devices AD9873 Datasheet HTML 3Page - Analog Devices AD9873 Datasheet HTML 4Page - Analog Devices AD9873 Datasheet HTML 5Page - Analog Devices AD9873 Datasheet HTML 6Page - Analog Devices AD9873 Datasheet HTML 7Page - Analog Devices AD9873 Datasheet HTML 8Page - Analog Devices AD9873 Datasheet HTML 9Page - Analog Devices AD9873 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
REV. 0
–6–
AD9873–SPECIFICATIONS
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
CMOS LOGIC INPUTS
Logic “1” Voltage
25 C
III
2.0
V
Logic “0” Voltage
25 C
III
0.8
V
Logic “1” Current
25 C
III
12
A
Logic “0” Current
25 C
III
12
A
Input Capacitance
25 CIV
3
pF
CMOS LOGIC OUTPUTS (1 mA Load)
Logic “1” Voltage
25 C
III
2.4
V
Logic “0” Voltage
25 C
III
0.4
V
POWER SUPPLY
Analog Supply Current IAS
25 C
II
91
115
mA
Digital Supply Current IDS
Full Operating Conditions
4 (Register 02h = 00h)
25 C
IV
250
mA
Zero Input Tx
4 (Register 02h = 00h)
25 C
II
175
205
mA
25% Tx Burst Duty Cycle4 (Register 02h = 00h)
25 C
IV
210
mA
Power-Down Digital Tx (Register 02h = 20h)
25
°CII
42
55
mA
Power Supply Rejection (Differential Signal)
Tx DAC
25 C
IV
<0.25
% FS
8-Bit ADC
25 C
IV
<0.004
% FS
10-Bit ADC
25 C
IV
<0.002
% FS
12-Bit ADC
25 C
IV
<0.0004
% FS
NOTES
1Single tone generated by applying a 1.6875 MHz sine signal to the Q Channel and the 90 degree phase shifted (cosine) signal to the I Channel.
2Sampling directly with f
OSCCIN/2. No degradation due to Clock Multiplier PLL. ADC Clock Select Register 08h, Bits 5 and 7 set to “1.”
3Sampling directly with f
OSCCIN. No degradation due to Clock Multiplier PLL. ADC Clock Select Register 08h, Bits 5 and 7 set to “1.”
4See performance graph TPC 2 for power saving in burst mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com