Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9873 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9873
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873 Datasheet(HTML) 4 Page - Analog Devices

  AD9873 Datasheet HTML 1Page - Analog Devices AD9873 Datasheet HTML 2Page - Analog Devices AD9873 Datasheet HTML 3Page - Analog Devices AD9873 Datasheet HTML 4Page - Analog Devices AD9873 Datasheet HTML 5Page - Analog Devices AD9873 Datasheet HTML 6Page - Analog Devices AD9873 Datasheet HTML 7Page - Analog Devices AD9873 Datasheet HTML 8Page - Analog Devices AD9873 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
REV. 0
–4–
AD9873–SPECIFICATIONS
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
8-BIT ADC CHARACTERISTICS (Continued)
Dynamic Performance (AIN = –0.5 dB FS, f = 5 MHz)
Effective Number of Bits (ENOB)
Full
II
6.9
7.68
Bits
Effective Number of Bits (ENOB)
2
Full
IV
7.68
Bits
Signal-to-Noise Ratio (SNR)
Full
II
43.5
48
dB
Total Harmonic Distortion (THD)
Full
II
–66
–57
dB
Spurious Free Dynamic Range (SFDR)
Full
II
58
64
dB
Differential Phase
25 C
IV
<0.1
Degree
Differential Gain
25 C
IV
1
LSB
10-BIT ADC CHARACTERISTICS
Resolution
N/A
N/A
10
Bits
Conversion Rate
Full
III
33
MHz
Pipeline Delay
N/A
N/A
5.5
ADC Cycles
DC Accuracy
Differential Nonlinearity
25 CIV
0.75
LSB
Integral Nonlinearity
25 CIV
0.5
LSB
Offset Error
25 CIV
0.5
% FSR
Gain Error
25 CIV
3
% FSR
Analog Input
Input Voltage Range
Full
IV
2
V p-p
Input Capacitance
25 C
IV
1.4
pF
Differential Input Resistance
25 CIV
4
k
Ω
Aperture Delay
25 C
IV
2.0
ns
Aperture Uncertainty (Jitter)
25 C
IV
1.2
ps rms
Input Bandwidth (–3 dB)
25 C
IV
95
MHz
Input Referred Noise
25 C
IV
350
µV
Reference Voltage
REFT10–REFB10 (1 V)
25 CI
±6
±200
mV
Dynamic Performance (AIN = –0.5 dB FS, f = 5 MHz)
Signal-to-Noise and Distortion Ratio (SINAD)
Full
II
57.9
60.1
dB
Effective Number of Bits (ENOB)
Full
II
9.3
9.7
Bits
Effective Number of Bits (ENOB)3
Full
IV
9.8
Bits
Signal-to-Noise Ratio (SNR)
Full
II
58.2
60.1
dB
Total Harmonic Distortion (THD)
Full
II
–75.8
–63.9
dB
Spurious Free Dynamic Range (SFDR)
Full
II
65.7
80
dB
Differential Phase
25 C
IV
<0.1
Degree
Differential Gain
25 C
IV
<1
LSB
12-BIT ADC CHARACTERISTICS
Resolution
N/A
N/A
12
Bits
Conversion Rate
Full
III
33
MHz
Pipeline Delay
N/A
N/A
5.5
ADC Cycles
DC Accuracy
Differential Nonlinearity
25 CIV
0.75
LSB
Integral Nonlinearity
25 CIV
1.5
LSB
Offset Error
25 CIV
1
% FSR
Gain Error
25 CIV
2
% FSR
Analog Input
Input Voltage Range
Full
IV
2
V p-p
Input Capacitance
25 C
IV
1.4
pF
Differential Input Resistance
25 CIV
4
k
Ω
Aperture Delay
25 C
IV
2.0
ns
Aperture Uncertainty (Jitter)
25 C
IV
1.2
ps rms
Input Bandwidth (–3 dB)
25 C
IV
85
MHz
Input Referred Noise
25 CIV
75
µV
Reference Voltage
REFT12–REFB12 (1 V)
25 CI
±6
±200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com