Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9873 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9873
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873 Datasheet(HTML) 1 Page - Analog Devices

  AD9873 Datasheet HTML 1Page - Analog Devices AD9873 Datasheet HTML 2Page - Analog Devices AD9873 Datasheet HTML 3Page - Analog Devices AD9873 Datasheet HTML 4Page - Analog Devices AD9873 Datasheet HTML 5Page - Analog Devices AD9873 Datasheet HTML 6Page - Analog Devices AD9873 Datasheet HTML 7Page - Analog Devices AD9873 Datasheet HTML 8Page - Analog Devices AD9873 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9873
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Analog Front End Converter for
Set-Top Box, Cable Modem
FUNCTIONAL BLOCK DIAGRAM
DAC
INV
SINC
12
Tx
INTERPOLATOR
FILTER
PLL
DDS
SIN
COS
3
12
12
4
2
MUX
8
8
10
12
Tx IQ
Tx SYNC
SERIAL ITF
PROFILE
Rx SYNC
Rx IQ
Rx IF
AD9873
CA
SDELTA0
SDELTA1
REF CLK
IIN
QIN
IF10
IF12
VIDEO
Tx
CONTROL FUNCTIONS
Rx
ADC
ADC
ADC
ADC
FEATURES
Low-Cost 3.3 V CMOS Analog Front End Converter for
MCNS-DOCSIS, DVB, DAVIC-Compliant
Set-Top Box, Cable Modem Applications
232 MHz Quadrature Digital Upconverter
DC to 65 MHz Output Bandwidth
12-Bit Direct IF D/A Converter (TxDAC+®)
Programmable Reference Clock Multiplier (PLL)
Direct Digital Synthesis
Interpolator
SIN(x)/x Compensation Filter
Four Programmable, Pin-Selectable Modulator Profiles
Single-Tone Mode for Frequency Synthesis Applications
12-Bit, 33 MSPS Sampling Direct IF A/D Converter with
Auxiliary Automatic Clamp Video Input Multiplexer
10-Bit, 33 MSPS Sampling Direct IF A/D Converter
Dual 8-Bit, 16.5 MSPS Sampling IQ A/D Converter
Two Independently Programmable Sigma-Delta
Converters
Direct Interface to AD8321/AD8323 PGA Cable Driver
Programmable Frequency Output
Power-Down Modes
APPLICATIONS
Cable and Satellite Systems
PC Multimedia
Digital Communications
Data and Video Modems
Cable Modem
Set-Top Boxes
Powerline Modem
Broadband Wireless Communication
GENERAL DESCRIPTION
The AD9873 integrates a complete 232 MHz quadrature
digital transmitter and a multichannel receiver with four high-
performance analog-to-digital converters (ADC) for various
video and digital data signals. The AD9873 is designed for cable
modem set-top box applications, where cost, size, power dissi-
pation, and dynamic performance are critical attributes. A single
external crystal is used to control all internal conversion and
data processing cycles.
The transmit section of the AD9873 includes a high-speed
direct digital synthesizer (DDS), a high-performance, high-speed
12-bit digital-to-analog converter (DAC), programmable clock
multiplier circuitry, digital filters, and other digital signal
processing functions, to form a complete quadrature digital
up-converter device.
On the receiver side, two 8-bit ADCs are optimized for IQ
demodulated “out-of band” signals. An on-chip 10-bit ADC
is typically used as a direct IF input of 256 QAM modulated
signals in cable modem applications. A second direct IF input
and an auxiliary video input with automatic programmable clamp
function are multiplexed to a high-performance 12-bit video ADC.
The chip’s programmable sigma-delta modulated outputs and
an output clock may be used to control external components
such as programmable gain amplifiers (PGA) and mixer stages.
Three pins provide a direct interface to the AD8321/AD8323
programmable gain amplifier (PGA) cable driver.
The AD9873 is available in a space-saving 100-lead MQFP package.
TxDAC+ is a registered trademark of Analog Devices, Inc.


Similar Part No. - AD9873

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9873 AD-AD9873_15 Datasheet
932Kb / 39P
Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
More results

Similar Description - AD9873

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9877 AD-AD9877 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
5/05-Rev. A to Rev. B
AD9879 AD-AD9879 Datasheet
364Kb / 24P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV.0
logo
TOKO, Inc
DIP1A TOKO-DIP1A Datasheet
421Kb / 4P
DIPLEXER FOR CABLE MODEM / DIGITAL SET-TOP BOX
logo
Analog Devices
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
Modem Analog Front End
logo
Analog Devices
AD9873 AD-AD9873_15 Datasheet
932Kb / 39P
Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9877 AD-AD9877_15 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9879 AD-AD9879_15 Datasheet
779Kb / 32P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9877 AD-AD9877_17 Datasheet
491Kb / 37P
Set-Top Box, Cable Modem
23-Feb-2017
logo
STMicroelectronics
STID128 STMICROELECTRONICS-STID128 Datasheet
162Kb / 4P
DOCSIS 3.0 and video front-end for gateway set-top box and cable modem
17-Dec-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com