Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9873 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9873
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9873 Datasheet HTML 14Page - Analog Devices AD9873 Datasheet HTML 15Page - Analog Devices AD9873 Datasheet HTML 16Page - Analog Devices AD9873 Datasheet HTML 17Page - Analog Devices AD9873 Datasheet HTML 18Page - Analog Devices AD9873 Datasheet HTML 19Page - Analog Devices AD9873 Datasheet HTML 20Page - Analog Devices AD9873 Datasheet HTML 21Page - Analog Devices AD9873 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
REV. 0
AD9873
–18–
TYPICAL ADC PERFORMANCE CHARACTERISTICS (ADC Sample Rate derived directly from fOSCIN =
27 MHz [13.5 MSPS for 8-bit ADCs], Single-Tone 5 MHz Input Signal, unless otherwise noted.)
INPUT SIGNAL FREQUENCY – MHz
70
20
45
60
60
10
40
80
0
50
100
50
30
70
90
65
55
12-BIT ADC
10-BIT ADC
8-BIT ADC
TPC 15. SNR vs. Input Frequency
INPUT SIGNAL FREQUENCY – MHz
70
20
45
60
10
40
80
0
50
100
50
30
70
90
60
55
65
12-BIT ADC
10-BIT ADC
8-BIT ADC
11.34
7.18
8.01
9.67
8.84
10.51
TPC 16. SINAD vs. Input Frequency
INPUT SIGNAL FREQUENCY – MHz
65
6
40
14
410
18
220
12
816
55
50
60
SNR
45
SFDR
SINAD
TPC 17. Video Input Characteristics vs. Input Frequency
INPUT SIGNAL FREQUENCY – MHz
85
20
55
65
60
10
40
80
0
60
100
50
30
70
90
75
80
70
10-BIT ADC
8-BIT ADC
12-BIT ADC
TPC 18. SFDR vs. Input Frequency
INPUT SIGNAL FREQUENCY – MHz
–60
20
–80
60
10
40
80
0
–74
100
50
30
70
90
–64
–66
–62
12-BIT ADC
10-BIT ADC
8-BIT ADC
–78
–70
–72
–76
–68
TPC 19. THD vs. Input Frequency
FREQUENCY – MHz
–5
2
–125
–45
6
14
0
–85
5
3
–105
–25
–65
0
TPC 20. 8-Bit ADC Single-Tone Spectral Plot Using PLL
(Input Frequency = 5 MHz, 2048 Point FFT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com