Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9873 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9873
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9873 Datasheet HTML 9Page - Analog Devices AD9873 Datasheet HTML 10Page - Analog Devices AD9873 Datasheet HTML 11Page - Analog Devices AD9873 Datasheet HTML 12Page - Analog Devices AD9873 Datasheet HTML 13Page - Analog Devices AD9873 Datasheet HTML 14Page - Analog Devices AD9873 Datasheet HTML 15Page - Analog Devices AD9873 Datasheet HTML 16Page - Analog Devices AD9873 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
REV. 0
AD9873
–13–
0Fh, Bit 4, Bit 5: Profile Select
The AD9873 quadrature digital upconverter is capable of storing
four preconfigured modulation modes called profiles that define
a transmit frequency tuning word and cable driver amplifier con-
trol. Profile Select bits <1:0> or PROFILE [1:0] pins program
the current register profile to be used. Profile Select bits should
always be 0 if PROFILE pins are used to switch between pro-
files. Using the Profile Select bits as a means of switching between
different profiles requires the PROFILE pins to be tied low.
10h–1Fh: Burst Parameter
Tx Frequency Tuning Words
The frequency tuning word (FTW) determines the DDS-
generated carrier frequency (fC) and is formed via a concatenation
of register addresses. Bit 7 of register address 1Ah is the most
significant bit of the profile 2-frequency tuning word. Bit 0 of
register address 18h is the least significant bit of the profile
2-frequency tuning word.
The output frequency equation is given as:
fC = (FTW
× fSYSCLK)/224.
Where fSYSCLK = Mx fOSCIN and FTW < 80 00 00 h
Changes to FTW bytes immediately take effect on active profiles.
Cable Driver Gain Control
The AD9873 dedicates three output pins that directly interface to
the AD832x-family of gain programmable cable driver amplifier.
This allows direct control of the cable driver’s gain via the
AD9873. New data is automatically sent to the cable driver
amplifier whenever a new burst profile with different gain setting
becomes active or when the gain contents of an active AD8321/
AD8323 gain control register changes. Default value is 00h
(lowest gain).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com