Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9873 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9873
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9873 Datasheet HTML 18Page - Analog Devices AD9873 Datasheet HTML 19Page - Analog Devices AD9873 Datasheet HTML 20Page - Analog Devices AD9873 Datasheet HTML 21Page - Analog Devices AD9873 Datasheet HTML 22Page - Analog Devices AD9873 Datasheet HTML 23Page - Analog Devices AD9873 Datasheet HTML 24Page - Analog Devices AD9873 Datasheet HTML 25Page - Analog Devices AD9873 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
REV. 0
AD9873
–22–
Digital 8-bit ADC outputs are multiplexed to one 4-bit bus,
clocked by a frequency (fMCLK) of four times the sampling rate
whereas the 10- and 12-bit ADCs are multiplexed together
to one 12-bit bus clocked by fMCLK, which is two times their
sampling frequency.
CLOCK AND OSCILLATOR CIRCUITRY
The AD9873’s internal oscillator generates all sampling clocks
from a simple, low-cost, series resonance, fundamental frequency
quartz crystal. Figure 2 shows how the quartz crystal is connected
between OSC IN (Pin 61) and XTAL (Pin 60) with parallel
resonant load capacitors as specified by the crystal manufacturer.
The internal oscillator circuitry can also be overdriven by a TTL
level clock applied to OSC IN with XTAL left unconnected.
fOSC IN = fMCLK
× N/M
An internal phase locked loop (PLL) generates the DAC sampling
frequency fSYSCLK by multiplying OSC IN frequency M times
(register address 00h). The MCLK signal (Pin 23) fMCLK is
derived by dividing this PLL output frequency with the interpo-
lation rate N of the CIC filter stages (register address 01h).
fSYSCLK = fOSC IN
× M
fMCLK = fOSC IN
× M/N
An external PLL loop filter (Pin 57) consisting of a series resistor
and ceramic capacitor (Figure 15, R1 = 1.3 k
Ω, C12 = 0.01 µF) is
required for stability of the PLL. Also, a shield surrounding these
components is recommended to minimize external noise coupling
into the PLL’s voltage controlled oscillator input (guard trace
connected to AVDD PLL).
Figure 1 shows that ADCs are either directly sampled by a low-
jitter clock at OSC IN or by a clock that is derived from the PLL
output. Operating modes can be selected in register address 08.
Sampling the ADCs directly with the OSC IN clock requires
MCLK to be programmed to be twice the OSC IN frequency.
5
4
3
2
7
6
9
8
1
11
10
16
15
14
13
18
17
20
19
22
21
12
24
23
26
25
28
27
30
29
76
77
78
79
74
75
72
73
70
71
80
65
66
67
68
63
64
61
62
59
60
69
57
58
55
56
53
54
51
52
PIN 1
IDENTIFIER
TOP VIEW
(Pins Down)
AGND IQ
I IN+
I IN–
AGND IQ
REFT8
REFB8
AGND IQ
AVDD IQ
DRVDD
REF CLK
DRGND
DGND SO
SDELTA0
SDELTA1
DVDD SD
CA ENABLE
CA DATA
CA CLK
DVDD OSC
OS IN
XTAL
DGND OSC
AGND PLL
PLL FILTER
AVDD PLL
DVDD PLL
DGND PLL
AVDD Tx
Tx+
Tx–
DRGND
DRVDD
(MSB) IF(11)
IF(10)
IF(9)
IF(8)
IF(7)
IF(6)
IF(5)
IF(4)
IF(3)
IF(2)
IF(1)
IF(0)
(MSB) Rx IQ(3)
Rx IQ(2)
Rx IQ(1)
Rx IQ(0)
Rx SYNC
DRGND
DRVDD
MLCK
DVDD
DGND
Tx SYNC
(MSB) Tx IQ(5)
Tx IQ(4)
Tx IQ(3)
Tx IQ(2)
AD9873
AVDD
C7
0.1 F
C8
0.1 F
C9
0.1 F
CP2
10 F
C4
0.1 F
C5
0.1 F
C6
0.1 F
CP1
10 F
C1
0.1 F
C2
0.1 F
C3
0.1 F
C10
20pF
C11
20pF
R1
1.3k
CP3
10 F
C12
0.01 F
GUARD TRACE
C13
0.1 F
RSET
10k
Figure 2. Basic Connections Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com