Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9873 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9873
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873 Datasheet(HTML) 3 Page - Analog Devices

  AD9873 Datasheet HTML 1Page - Analog Devices AD9873 Datasheet HTML 2Page - Analog Devices AD9873 Datasheet HTML 3Page - Analog Devices AD9873 Datasheet HTML 4Page - Analog Devices AD9873 Datasheet HTML 5Page - Analog Devices AD9873 Datasheet HTML 6Page - Analog Devices AD9873 Datasheet HTML 7Page - Analog Devices AD9873 Datasheet HTML 8Page - Analog Devices AD9873 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
REV. 0
–3–
AD9873
(VAS = 3.3 V
5%, VDS = 3.3 V
10%, fOSCIN = 27 MHz, fSYSCLK = 216 MHz, fMCLK = 54 MHz
(M = 8, N = 4), ADC Sample Rate derived from PLL fMCLK , RSET = 10 k , 75
DAC Load)
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
SYSTEM CLOCK, DAC SAMPLING fSYSCLK
Frequency Range
Full
III
232
MHz
OSC IN and XTAL CHARACTERISTICS
Frequency Range
Full
III
3
33
MHz
Duty Cycle
25 C
III
35
50
65
%
Input Capacitance
25 CIV
3
pF
Input Resistance
25 C
IV
100
M
Ω
MCLK OUT JITTER (fMCLK Derived from PLL)
25 C
IV
6
ps rms
TxDAC CHARACTERISTICS
1
Resolution
N/A
N/A
12
Bits
Full-Scale Output Current
Full
III
2
4
20
mA
Gain Error (Using Internal Reference)
25 C
I
–3
0.14
+3
% FS
Output Offset
25 C
I
–1
+1
% FS
Reference Voltage (REFIO Level)
25
°C
I
1.18
1.23
1.28
V
Differential Nonlinearity (DNL)
25 CIV
±2.5
LSB
Integral Nonlinearity (INL)
25 CIV
±8
LSB
Output Capacitance
25 CIV
5
pF
Phase Noise @ 1 kHz Offset, 42 MHz
25 C
IV
–113
dBc/Hz
Output Voltage Compliance Range
Full
III
–0.5
+1.5
V
Wideband SFDR
5 MHz Analog Out, IOUT = 4 mA
25 C
IV
59
dBc
65 MHz Analog Out, IOUT = 4 mA
25 C
IV
54
dBc
Narrowband SFDR ( 100 kHz Window)
65 MHz Analog Out, IOUT = 4 mA
25 C
IV
79
dBc
Tx MODULATOR CHARACTERISTICS
I/Q Offset
Full
III
50
55
dB
Pass Band Amplitude Ripple (f < fIQCLK/8)
Full
III
0.1
dB
Pass Band Amplitude Ripple (f < fIQCLK/4)
Full
III
0.5
dB
Stop Band Response (f > fIQCLK
× 3/4)
Full
III
–63
dB
8-BIT ADC CHARACTERISTICS
Resolution
N/A
N/A
8
Bits
Conversion Rate
Full
III
16.5
MHz
Pipeline Delay
N/A
N/A
3.5
ADC Cycles
DC Accuracy
Differential Nonlinearity
25 CIV
0.5
LSB
Integral Nonlinearity
25 CIV
0.5
LSB
Offset Error for Each 8-Bit ADC
25 CIV
0.75
% FSR
Gain Error for Each 8-Bit ADC
25 CIV
4
% FSR
Offset Matching Between 8-Bit ADCs
Full
IV
3
LSB
Gain Matching Between 8-Bit ADCs
Full
IV
4.5
LSB
Analog Input
Input Voltage Range
Full
IV
1
V p-p
Input Capacitance
25 C
IV
1.4
pF
Differential Input Resistance
25 CIV
4
k
Ω
Aperture Delay
25 C
IV
2.0
ns
Aperture Uncertainty (Jitter)
25 C
IV
1.2
ps rms
Input Bandwidth (–3 dB)
25 C
IV
90
MHz
Input Referred Noise
25 C
IV
600
µV
Reference Voltage Error
REFT8–REFB8 (0.5 V)
25 CI
±4
±92
mV
Dynamic Performance (AIN = –0.5 dB FS, f = 5 MHz)
Signal-to-Noise and Distortion Ratio (SINAD)
Full
II
43.5
48
dB
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com