Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9884A/PCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9884A/PCB
Description  100 MSPS/140 MSPS Analog Flat Panel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9884A/PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9884A/PCB Datasheet HTML 5Page - Analog Devices AD9884A/PCB Datasheet HTML 6Page - Analog Devices AD9884A/PCB Datasheet HTML 7Page - Analog Devices AD9884A/PCB Datasheet HTML 8Page - Analog Devices AD9884A/PCB Datasheet HTML 9Page - Analog Devices AD9884A/PCB Datasheet HTML 10Page - Analog Devices AD9884A/PCB Datasheet HTML 11Page - Analog Devices AD9884A/PCB Datasheet HTML 12Page - Analog Devices AD9884A/PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. B
AD9884A
–9–
CONTROL REGISTER MAP
The AD9884A is initialized and controlled by a set of registers
that determine the operating modes. An external controller is
employed to write and read the control registers through the
2-line serial interface port.
Table II. Control Register Map
Reg Bit Default
Mnemonic
Function
PLL Divider Control
00
7–0 01101001 PLLDIVM
PLL Divide Ratio MSBs
01
7–4 1101
•••• PLLDIVL
PLL Divide Ratio LSBs
01
3–0
••••0000
Reserved, Set to Zero
Input Gain
02
7–0 10000000 REDGAIN
Red Channel Gain Adjust
03
7–0 10000000 GRNGAIN
Green Channel Gain Adjust
04
7–0 10000000 BLUGAIN
Blue Channel Gain Adjust
Input Offset
05
7–2 100000
•• REDOFST Red Channel Offset Adjust
05
1–0
••••••00
Reserved, Set to Zero
06
7–2 100000
•• GRNOFST Green Channel Offset Adjust
06
1–0
••••••00
Reserved, Set to Zero
07
7–2 100000
•• BLUOFST Blue Channel Offset Adjust
07
1–0
••••••00
Reserved, Set to Zero
Clamp Timing
08
7–0 10000000 CLPLACE
Clamp Placement
09
7–0 10000000 CLDUR
Clamp Duration
General Control 1
0A
7
1
••••••• DEMUX
Output Port Select
0A
6
•1•••••• PAR
Output Timing Select
0A
5
••1••••• HSPOL
HSYNC Polarity
0A
4
•••1•••• CSTPOL
COAST Polarity
0A
3
••••0••• EXTCLMP Clamp Signal Source
0A
2
•••••1•• CLAMPOL Clamp Signal Polarity
0A
1
••••••0• EXTCLK
External Clock Select
0A
0
•••••••0
Reserved, Set to Zero
Clock Generator Control
0B
7–3 10000
••• PHASE
Clock Phase Adjust
0B
2–0
•••••000
Reserved, Set to Zero
0C
7
0
•••••••
Reserved, Set to Zero
0C
6–5
•01••••• VCORNGE VCO Range Select
0C
4–2
•••001•• CURRENT Charge Pump Current
0C
1–0
••••••00
Reserved, Set to Zero
General Control 2
0D
7–5 000
•••••
Reserved, Set to Zero
0D
4
•••0•••• OUTPHASE Output Port Phase
0D
3–1
••••000• REVID
Die Revision ID
0D
0
•••••••0
Reserved, Set to Zero
0E
7–0 00000000
Reserved, Set to Zero
Table III. Default Register Values
Reg
Value
Reg
Value
00
01101001
69h
08
10000000
80h
01
1101 0000
D0h
09
10000000
80h
02
10000000
80h
0A
11110100
F4h
03
10000000
80h
0B
10000 000
80h
04
10000000
80h
0C
0 01 001 00
24h
05
100000 00
80h
0D
00000000
00h
06
100000 00
80h
0E
0000xxx0
0xh
07
100000 00
80h
0F
00000000
00h
CONTROL REGISTER DETAIL
PLL DIVIDER CONTROL
00
7–0
PLLDIVM
PLL Divide Ratio MSBs
The eight most significant bits of the 12-bit PLL divide ratio
PLLDIV. The operational divide ratio is PLLDIV + 1.
The PLL derives a master clock from an incoming HSYNC
signal. The master clock frequency is then divided by an integer
value, and the divider’s output is phase-locked to HSYNC. This
PLLDIV value determines the number of pixel times (pixels
plus horizontal blanking overhead) per line. This is typically
20% to 30% more than the number of active pixels in the display.
The 12-bit value of PLLDIV supports divide ratios from 2 to
4095. The higher the value loaded in this register, the higher
the resulting clock frequency with respect to a fixed HSYNC
frequency.
VESA has established some standard timing specifications,
which will assist in determining the value for PLLDIV as a
function of horizontal and vertical display resolution and frame
rate (Table VII). However, many computer systems do not
conform precisely to the recommendations, and these numbers
should be used only as a guide. The display system manufac-
turer should provide automatic or manual means for optimizing
PLLDIV. An incorrectly set PLLDIV will usually produce one
or more vertical noise bars on the display. The greater the error,
the greater the number of bars produced.
The power-up default value of PLLDIV is 1693 (PLLDIVM =
69h, PLLDIVL = Dxh).
01
7–4
PLLDIVL
PLL Divide Ratio LSBs
The four least significant bits of the 12-bit PLL divide ratio
PLLDIV. The operational divide ratio is PLLDIV + 1.
The power-up default value of PLLDIV is 1693 (PLLDIVM =
69h, PLLDIVL = Dxh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com