Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9884A/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9884A/PCB
Description  100 MSPS/140 MSPS Analog Flat Panel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9884A/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9884A/PCB Datasheet HTML 11Page - Analog Devices AD9884A/PCB Datasheet HTML 12Page - Analog Devices AD9884A/PCB Datasheet HTML 13Page - Analog Devices AD9884A/PCB Datasheet HTML 14Page - Analog Devices AD9884A/PCB Datasheet HTML 15Page - Analog Devices AD9884A/PCB Datasheet HTML 16Page - Analog Devices AD9884A/PCB Datasheet HTML 17Page - Analog Devices AD9884A/PCB Datasheet HTML 18Page - Analog Devices AD9884A/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
REV. B
AD9884A
–15–
In typical PC-based graphic systems, the sync signals are simply
TTL-level drivers feeding unshielded wires in the monitor
cable. Since the AD9884A operates from a 3.3 V power supply,
and TTL sources may drive a high level to 5 V or more, it is
recommended that a 1 k
Ω series current-limiting resistor be placed
in series with HSYNC and COAST. If these pins are driven
more than 0.5 V outside the power supply voltages, internal
ESD protection diodes will conduct, and may dissipate consid-
erable power if the sync source is of particularly low impedance.
If a signal is applied to the AD9884A when the IC’s power is
off, then even a 1 V signal can turn on the ESD protection
diodes. The 1 k
Ω series resistor will protect the device from
overstress in this situation as well.
Serial Control Port
The serial control port (SDA, SCL) is designed for 3.3 V logic.
If there are 5 V drivers on the bus, these pins should be pro-
tected with 150
Ω series resistors.
OUTPUT SIGNAL HANDLING
The digital outputs are designed and specified to operate from a
3.3 V power supply (VDD). They can also work with a VDD as
low as 2.5 V for compatibility with other 2.5 V logic.
CLAMPING
To properly digitize the incoming signal, the dc offset of the
input signal must be adjusted to fit the range of the on-board
A/D converters.
Most graphic systems produce RGB signals with black at ground
and white at approximately +0.75 V. However, if sync signals
are embedded in the graphics, then the sync tip is often at ground
potential, and black is at +300 mV. Then white is at approxi-
mately +1.0 V. Some common RGB line amplifier boxes use
emitter-follower buffers to split signals and increase drive capa-
bility. This introduces a 700 mV dc offset to the signal which
must be removed for proper capture by the AD9884A.
The key to clamping is to identify a portion (time) of the signal
when the graphic system is known to be producing black. An
offset is then introduced which results in the A/D converters
producing a black output (code 00h) when the known black
input is present. That offset then remains in place when other
signal levels are processed, and the entire signal is shifted to
eliminate offset errors.
In most graphic systems, black is transmitted between active
video lines. Going back to CRT displays, when the electron
beam has completed writing a horizontal line on the screen (at
the right side), the beam is deflected quickly to the left side of
the screen (called horizontal retrace) and a black signal is pro-
vided to prevent the beam from disturbing the image.
In systems with embedded sync, a blacker-than-black signal
(HSYNC) is produced briefly to signal the CRT that it is time
to begin a retrace. For obvious reasons, it is important to avoid
clamping on the tip of HSYNC. Fortunately, there is virtually
always a period following HSYNC called the back porch where
a good black reference is provided. This is the time when clamp-
ing should be done.
The clamp timing can be established by simply exercising the
CLAMP pin at the appropriate time (with EXTCLMP = 1).
The polarity of this signal is set by the CLAMPOL bit.
A simpler method of clamp timing employs the AD9884A inter-
nal clamp timing generator. Register CLPLACE is programmed
with the number of pixel times that should pass after the trailing
edge of HSYNC before clamping starts. A second register
(CLDUR) sets the duration of the clamp. These are both 8-bit
values, providing considerable flexibility in clamp generation.
The clamp timing is referenced to the trailing edge of HSYNC
because, though HSYNC duration can vary widely, the back
porch (black reference) always follows HSYNC. A good start-
ing point for establishing clamping is to set CLPLACE to 08h
(providing 8 pixel periods for the graphics signal to stabilize
after sync) and set CLDUR to 14h (giving the clamp 20 pixel
periods to reestablish the black reference).
Clamping is accomplished by placing an appropriate charge on
the external input coupling capacitor. The value of this capaci-
tor affects the performance of the clamp. If it is too small, there
will be a significant amplitude change during a horizontal line
time (between clamping intervals). If the capacitor is too large,
then it will take excessively long for the clamp circuit to recover
from a large change in incoming signal offset. The recommended
value results in recovering from a step error of 100 mV to within
1/2 LSB in 10 lines with a clamp duration of 20 pixels on a
60 Hz SXGA signal.
GAIN AND OFFSET CONTROL
The AD9884A can accommodate input signals with inputs
ranging from 0.5 V to 1.0 V full scale. The full-scale range is set
in three 8-bit registers (REDGAIN, GRNGAIN, BLUGAIN).
A code of 0 in a gain register establishes a minimum input range
of 0.5 V; 255 corresponds with the maximum range of 1.0 V.
Note that INCREASING the gain setting results in an image
with LESS contrast.
The offset control shifts the entire input range, resulting in a
change in image brightness. Three 6-bit registers (REDOFST,
GRNOFST, BLUOFST) provide independent settings for each
channel.
The offset controls provide a
±31 LSB adjustment range. This
range is connected with the full-scale range, so if the input range
is doubled (from 0.5 V to 1.0 V) then the offset step size is also
doubled (from 2 mV per step to 4 mV per step).
Figure 8 illustrates the interaction of gain and offset controls.
The magnitude of an LSB in offset adjustment is proportional
to the full-scale range, so changing the full-scale range also
changes the offset. The change is minimal if the offset setting is
near midscale. When changing the offset, the full-scale range is
not affected, but the full-scale level is shifted by the same amount
as the zero scale level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com