Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9884A/PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9884A/PCB
Description  100 MSPS/140 MSPS Analog Flat Panel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9884A/PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9884A/PCB Datasheet HTML 8Page - Analog Devices AD9884A/PCB Datasheet HTML 9Page - Analog Devices AD9884A/PCB Datasheet HTML 10Page - Analog Devices AD9884A/PCB Datasheet HTML 11Page - Analog Devices AD9884A/PCB Datasheet HTML 12Page - Analog Devices AD9884A/PCB Datasheet HTML 13Page - Analog Devices AD9884A/PCB Datasheet HTML 14Page - Analog Devices AD9884A/PCB Datasheet HTML 15Page - Analog Devices AD9884A/PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. B
AD9884A
–12–
CLOCK GENERATOR CONTROL
0B
7–3
PHASE
Clock Phase Adjust
A five-bit value that adjusts the sampling phase in 32 steps across
one pixel time. Each step represents an 11.25 degree shift in
sampling phase.
The power-up default value is PHASE = 16.
0C
6–5
VCORNGE
VCO Range Select
Two bits that establish the operating range of the clock generator.
VCORNGE
Range (MHz)
00
20-60
01
50-90
10
80-120
11
110-140
VCORNGE must be set to correspond with the desired operat-
ing frequency (incoming pixel rate).
The power-up default value is VCORNGE = 01.
0C
4–2
CURRENT
Charge Pump Current
Three bits that establish the current driving the loop filter in the
clock generator.
CURRENT
Current ( A)
000
50
001
100
010
150
011
250
100
350
101
500
110
750
111
1500
CURRENT must be set to correspond with the desired operat-
ing frequency (incoming pixel rate).
The power-up default value is CURRENT = 001.
0D
4
OUTPHASE
Output Port Phase
One bit that determines whether even pixels or odd pixels go to
Port A.
OUTPHASE
First Pixel After HSYNC
0
Port A
1
Port B
In normal operation (OUTPHASE = 0), when operating in
Dual Channel output mode (DEMUX = 1), the first sample
after the HSYNC leading edge is presented at Port A. Every
subsequent ODD sample appears at Port A. All EVEN samples
go to Port B.
When OUTPHASE = 1, these ports are reversed and the first
sample goes to Port B.
When DEMUX = 0, this bit is ignored.
When reading back the value of OUTPHASE, the bit appears at
register 0D, Bit 7.
0D
3–1
REVID
Silicon Revision ID
The die revision of the AD9884A can be determined by reading
these three bits.
Serial Control Port
A 2-wire serial control interface is provided. Up to four AD9884A
devices may be connected to the 2-wire serial interface, with
each device having a unique address.
The 2-wire interface comprises a clock (SCL) and a bidirec-
tional data (SDA) pin. The Analog Flat Panel Interface acts as a
slave for receiving and transmitting data over the serial interface.
When the serial interface is not active, the logic levels on SCL
and SDA are pulled HIGH by external pull-up resistors.
Data received or transmitted on the SDA line must be stable for
the duration of the positive-going SCL pulse. Data on SDA
must change only when SCL is LOW. If SDA changes state
while SCL is HIGH, the serial interface interprets that action as
a start or stop sequence.
There are six components to serial bus operation:
• Start Signal
• Slave Address Byte
• Base Register Address Byte
• Data Byte to Read or Write
• Stop Signal
When the serial interface is inactive (SCL and SDA are HIGH)
communications are initiated by sending a start signal. The start
signal is a HIGH-to-LOW transition on SDA while SCL is
HIGH. This signal alerts all slaved devices that a data transfer
sequence is coming.
The first eight bits of data transferred after a start signal com-
prising a seven bit slave address (the first seven bits) and a
single R/
W bit (the eighth bit). The R/W bit indicates the direc-
tion of data transfer, read from (1) or write to (0) the slave
device. If the transmitted slave address matches the address of
the device (set by the state of the SA1-0 input pins in Table IV),
the AD9884A acknowledges by bringing SDA LOW on the
ninth SCL pulse. If the addresses do not match, the AD9884A
does not acknowledge.
Table IV. Serial Port Addresses
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
A6
A5
A4
A3
A2
A1
A0
R/
W
(MSB)
(LSB)
1
0
0
1100
1
0
0
1101
1
0
0
1110
1
0
0
1111
Data Transfer via Serial Interface
For each byte of data read or written, the MSB is the first bit of
the sequence.
If the AD9884A does not acknowledge the master device during
a write sequence, the SDA remains HIGH so the master can
generate a stop signal. If the master device does not acknowl-
edge the AD9884A during a read sequence, the AD9884A inter-
prets this as “end of data.” The SDA remains HIGH so the
master can generate a stop signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com