Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9884A/PCB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9884A/PCB
Description  100 MSPS/140 MSPS Analog Flat Panel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9884A/PCB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9884A/PCB Datasheet HTML 12Page - Analog Devices AD9884A/PCB Datasheet HTML 13Page - Analog Devices AD9884A/PCB Datasheet HTML 14Page - Analog Devices AD9884A/PCB Datasheet HTML 15Page - Analog Devices AD9884A/PCB Datasheet HTML 16Page - Analog Devices AD9884A/PCB Datasheet HTML 17Page - Analog Devices AD9884A/PCB Datasheet HTML 18Page - Analog Devices AD9884A/PCB Datasheet HTML 19Page - Analog Devices AD9884A/PCB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
REV. B
AD9884A
–16–
1.0V
0.0V
0.5V
OFFSET = 1FH
OFFSET = 3FH
OFFSET = 0FH
OFFSET = 1FH
OFFSET = 3FH
OFFSET = 0FH
GAIN
00h
FFh
Figure 8. Gain and Offset Control
CLOCK GENERATION
A Phase Locked Loop (PLL) is employed to generate the pixel
clock. In this PLL, the HSYNC input provides a reference
frequency. A Voltage Controlled Oscillator (VCO) generates a
much higher pixel clock frequency. This pixel clock is divided
by the value PLLDIV programmed into the AD9884A, and
phase compared with the HSYNC input. Any error is used to
shift the VCO frequency and maintain lock between the two
signals.
The stability of this clock is a very important element in provid-
ing the clearest and most stable image. During each pixel time,
there is a period during which the signal is slewing from the old
pixel amplitude and settling at its new value. Then there is a
time when the input voltage is stable, before the signal must
slew to a new value (Figure 9). The ratio of the slewing time to
the stable time is a function of the bandwidth of the graphics
DAC and the bandwidth of the transmission system (cable and
termination). It is also a function of the overall pixel rate.
Clearly, if the dynamic characteristics of the system remain
fixed, then the slewing and settling time is likewise fixed. This
time must be subtracted from the total pixel period, leaving the
stable period. At higher pixel frequencies, the total cycle time is
shorter, and the stable pixel time becomes shorter as well.
Any jitter in the pixel clock reduces the precision with which the
sampling time can be determined, and must also be subtracted
from the stable pixel time.
PIXEL CLOCK
INVALID SAMPLE TIMES
Figure 9. Pixel Sampling Times
Considerable care has been taken in the design of the AD9884A’s
clock generation circuit to minimize jitter. As indicated in Fig-
ure 11 and Table VI, the clock jitter of the AD9884A is less
than 5% of the total pixel time in all operating modes, making
the reduction in the valid sampling time due to jitter negligible.
The PLL characteristics are determined by the loop filter de-
sign, by the PLL Charge Pump Current (CURRENT), and by
the VCO Range setting (VCORNGE). The loop filter design is
illustrated in Figure 10. Recommended settings of VCORNGE
and CURRENT for VESA standard display modes are listed in
Table VII.
Table V. Typical KVCO Derived From VCORNGE
Pixel Rate (MHz)
VCORNGE
KVCO (MHz/V)
20–60
00
100
50–90
01
100
80–120
10
150
110–140
11
180
0.039 F
3.3k
CP
0.0039 F
PVD
FILT
CZ
RZ
Figure 10. PLL Loop Filter Detail
Table VI. Pixel Clock Jitter vs Frequency
Pixel Rate
Jitter p-p
Jitter p-p
(MSPS)
(ps)
(% of Pixel Time)
135
350
4.7%
108
400
4.3%
94
400
3.4%
75
450
3.4%
65
600
3.9%
50
500*
2.4%
40
500*
2.0%
36
550*
1.8%
25
1000*
2.5%
*AD9884A in oversampled mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com