Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9884A/PCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9884A/PCB
Description  100 MSPS/140 MSPS Analog Flat Panel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9884A/PCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9884A/PCB Datasheet HTML 6Page - Analog Devices AD9884A/PCB Datasheet HTML 7Page - Analog Devices AD9884A/PCB Datasheet HTML 8Page - Analog Devices AD9884A/PCB Datasheet HTML 9Page - Analog Devices AD9884A/PCB Datasheet HTML 10Page - Analog Devices AD9884A/PCB Datasheet HTML 11Page - Analog Devices AD9884A/PCB Datasheet HTML 12Page - Analog Devices AD9884A/PCB Datasheet HTML 13Page - Analog Devices AD9884A/PCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. B
AD9884A
–10–
INPUT GAIN
02
7–0
REDGAIN
Red Channel Gain Adjust
An 8-bit word that sets the gain of the RED channel. The
AD9884A can accommodate input signals with a full-scale
range of between 0.5 V and 1.0 V p-p. Setting REDGAIN to
255 corresponds to an input range of 1.0 V. A REDGAIN of
0 establishes an input range of 0.5 V. Note that increasing
REDGAIN results in the picture having less contrast (the
input signal uses fewer of the available converter codes). See
Figure 8.
The power-up default value is REDGAIN = 80h.
03
7–0
GRNGAIN
Green Channel Gain Adjust
An 8-bit word that sets the gain of the GREEN channel. See
REDGAIN (02).
The power-up default value is GRNGAIN = 80h.
04
7–0
BLUGAIN
Blue Channel Gain Adjust
An 8-bit word that sets the gain of the BLUE channel. See
REDGAIN (02).
The power-up default value is BLUGAIN = 80h.
INPUT OFFSET
05
7–2
REDOFST
Red Channel Offset Adjust
A six-bit offset binary word that sets the dc offset of the RED
channel.
One LSB of offset adjustment equals approximately one LSB
change in the ADC offset. Therefore, the absolute magnitude of
the offset adjustment scales as the gain of the channel is changed
(Figure 9). A nominal setting of 31 results in the channel nomi-
nally clamping the back porch (during the clamping interval) to
code 00. An offset setting of 63 results in the channel clamping
to code 31 of the ADC. An offset setting of 0 clamps to code
–31 (off the bottom of the range). Increasing the value of
REDOFST decreases the brightness of the channel.
The power-up default value is REDOFST = 80h.
06
7–2
GRNOFST
Green Channel Offset Adjust
A six-bit offset binary word that sets the dc offset of the GREEN
channel. See REDOFST (05).
The power-up default value is GRNOFST = 80h.
07
7–2
BLUOFST
Blue Channel Offset Adjust
A six-bit offset binary word that sets the DC offset of the GREEN
channel. See REDOFST (05).
The power-up default value is BLUOFST = 80h.
CLAMP TIMING
08
7–0
CLPLACE
Clamp Placement
An 8-bit register that sets the position of the internally generated
clamp.
When EXTCLMP = 0, a clamp signal is generated internally, at
a position established by CLPLACE and for a duration set by
CLDUR. Clamping is started CLPLACE pixel periods after the
trailing edge of HSYNC. CLPLACE may be programmed to
any value between 1 and 255. CLPLACE = 0 is not supported.
The clamp should be placed during a time that the input signal
presents a stable black-level reference, usually the back porch
period between HSYNC and the image. A value of 08h will
usually work.
When EXTCLMP = 1, this register is ignored.
The power-up default value is CLPLACE = 80h.
09
7–0
CLDUR
Clamp Duration
An 8-bit register that sets the duration of the internally gener-
ated clamp.
When EXTCLMP = 0, a clamp signal is generated internally, at
a position established by CLPLACE and for a duration set by
CLDUR. Clamping is started CLPLACE pixel periods after the
trailing edge of HSYNC, and continues for CLDUR pixel peri-
ods. CLDUR may be programmed to any value between 1 and
255. CLDUR = 0 is not supported.
For the best results, the clamp duration should be set to include
the majority of the black reference signal time found following
the HSYNC signal trailing edge. Insufficient clamping time can
produce brightness changes at the top of the screen, and a slow
recovery from large changes in the Average Picture Level (APL),
or brightness. A value of 10h to 20h works with most standard
signals.
When EXTCLMP = 1, this register is ignored.
The power-up default value is CLDUR = 80h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com