Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9884A/PCB Datasheet(PDF) 23 Page - Analog Devices

Part # AD9884A/PCB
Description  100 MSPS/140 MSPS Analog Flat Panel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9884A/PCB Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9884A/PCB Datasheet HTML 16Page - Analog Devices AD9884A/PCB Datasheet HTML 17Page - Analog Devices AD9884A/PCB Datasheet HTML 18Page - Analog Devices AD9884A/PCB Datasheet HTML 19Page - Analog Devices AD9884A/PCB Datasheet HTML 20Page - Analog Devices AD9884A/PCB Datasheet HTML 21Page - Analog Devices AD9884A/PCB Datasheet HTML 22Page - Analog Devices AD9884A/PCB Datasheet HTML 23Page - Analog Devices AD9884A/PCB Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
REV. B
AD9884A
–23–
In some cases, using separate ground planes is unavoidable. For
those cases, we recommend to at least place a single ground
plane under the AD9884A. The location of the split should be
at the receiver of the digital outputs. For this case it is even
more important to place components wisely because the current
loops will be much longer, (current takes the path of least resis-
tance). An example of a current loop:
POWER PLANE
AD9884A
DIG
ITA
L
G
RO
UN
D P
LAN
E
DIG
ITAL
GROU
ND PLANE
DIGITAL DAT
A RE
CEIV
ER
Figure 27.
PLL
Place the PLL loop filter components as close to the AD9884A
pins as possible.
Do not place any digital or other high frequency traces near
these components.
Use the values suggested in the data sheet with 5% tolerance or
less.
Outputs (Both Data and Clocks)
Try to minimize the trace length that the digital outputs have to
drive. Longer traces have higher capacitance, which requires
more current, which causes more internal digital noise.
Shorter traces reduce the possibility of reflections.
Adding a series resistor of value 50
Ω–200 Ω can suppress
reflections, reduce EMI, and reduce the current spikes inside of
the AD9884A. If series resistors are used, place them as close to
the AD9884A pins as possible, (although try not to add vias or
extra length to the output trace in order to get the resistors closer).
If possible, limit the capacitance that each of the digital outputs
drives to less than 10 pF. This can easily be accomplished by
keeping traces short and by connecting the outputs to only one
device. Loading the outputs with excessive capacitance will
increase the current transients inside of the AD9884A, and
create more digital noise on its power supplies.
Digital Inputs
The digital inputs on the AD9884A were designed to work with
3.3 V signals. Connecting 5 V digital signals to the part may
cause damage. To accommodate 5 V digital signals, we recom-
mend adding a series resistor at the AD9884A pin of 1 k
Ω. The
only exception is the two serial interface pins, SDA and SCL.
On these two pins, a resistor value of 150
Ω should be used and
it should be placed between the AD9884A pin and the pull-up
resistors.
Any noise that gets onto the HSYNC input trace will add jitter
to the system, so, try to minimize the trace length and try not to
run any digital or other high frequency traces near it.
Voltage Reference
Bypass with a 0.1
µF capacitor. Place it as close to the AD9884A
pin as possible. Make the ground connection as short as possible.
REFOUT is easily connected to REFIN with a short trace.
Avoid making this trace any longer than it needs to be.
When using an external reference, the REFOUT output,
while unused, still needs to be bypassed to ground with a
0.1
µF capacitor to avoid ringing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com