Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9884A/PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9884A/PCB
Description  100 MSPS/140 MSPS Analog Flat Panel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9884A/PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9884A/PCB Datasheet HTML 13Page - Analog Devices AD9884A/PCB Datasheet HTML 14Page - Analog Devices AD9884A/PCB Datasheet HTML 15Page - Analog Devices AD9884A/PCB Datasheet HTML 16Page - Analog Devices AD9884A/PCB Datasheet HTML 17Page - Analog Devices AD9884A/PCB Datasheet HTML 18Page - Analog Devices AD9884A/PCB Datasheet HTML 19Page - Analog Devices AD9884A/PCB Datasheet HTML 20Page - Analog Devices AD9884A/PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. B
AD9884A
–17–
Table VII. Recommended VCORNGE and CURRENT Settings for Standard Display Formats
Refresh
Horizontal
Standard
Resolution
Rate
Frequency
Pixel Rate
VCORNGE
CURRENT
VGA
640
× 480
60 Hz
31.5 kHz
25.175 MHz
00
000
72 Hz
37.7 kHz
31.500 MHz
00
000
75 Hz
37.5 kHz
31.500 MHz
00
000
85 Hz
43.3 kHz
36.000 MHz
00
001
SVGA
800
× 600
56 Hz
35.1 kHz
36.000 MHz
00
001
60 Hz
37.9 kHz
40.000 MHz
00
001
72 Hz
48.1 kHz
50.000 MHz
00
010
75 Hz
46.9 kHz
49.500 MHz
00
001
85 Hz
53.7 kHz
56.250 MHz
01
010
XGA
1024
× 768
60 Hz
48.4 kHz
65.000 MHz
01
010
70 Hz
56.5 kHz
75.000 MHz
01
011
75 Hz
60.0 kHz
78.750 MHz
01
011
80 Hz
64.0 kHz
85.500 MHz
10
011
85 Hz
68.3 kHz
94.500 MHz
10
011
SXGA
1280
× 1024
60 Hz
64.0 kHz
108.000 MHz
10
011
75 Hz
80.0 kHz
135.000 MHz
11
100
85 Hz
91.1 kHz
157.500 MHz*
01
100
UXGA
1600
× 1200
60 Hz
75.0 kHz
162.000 MHz*
01
100
65 Hz
81.3 kHz
175.500 MHz*
10
100
70 Hz
87.5 kHz
189.000 MHz*
10
101
75 Hz
93.8 kHz
202.500 MHz*
10
101
85 Hz
106.3 kHz
229.500 MHz*
10
110
VESA Monitor Timing Standards and Guidelines, September 17, 1998
*Graphics sampled at 1/2 incoming pixel rate using Alternate Pixel Sampling mode.
Figure 11 illustrates the AD9884A’s jitter as a percentage of the
total clock period over the range of operating frequencies.
Though the jitter is very low over most of the range (less than
5% of the pixel period), the jitter increases at clock rates below
40 MHz. At lower frequencies, the jitter can be reduced by
operating the AD9884A at twice the desired frequency, and
using only every other data sample produced. This can be easily
implemented by placing the part in Dual Channel mode (for
example, as in Figure 21), and reading the data from only one of
the output ports. The DATACK and
DATACK outputs will
run at the desired, lower, sample rate.
PIXEL CLOCK – MHz
0
0
100
20
40
60
80
120
140
160
5
15
10
JITTER p-p (%)
OVERSAMPLED RATE
JITTER p-p (%)
Figure 11. Pixel Clock Jitter vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com