Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9887/PCB Datasheet(PDF) 34 Page - Analog Devices

Part # AD9887/PCB
Description  Dual Interface for Flat Panel Displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887/PCB Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9887/PCB Datasheet HTML 30Page - Analog Devices AD9887/PCB Datasheet HTML 31Page - Analog Devices AD9887/PCB Datasheet HTML 32Page - Analog Devices AD9887/PCB Datasheet HTML 33Page - Analog Devices AD9887/PCB Datasheet HTML 34Page - Analog Devices AD9887/PCB Datasheet HTML 35Page - Analog Devices AD9887/PCB Datasheet HTML 36Page - Analog Devices AD9887/PCB Datasheet HTML 37Page - Analog Devices AD9887/PCB Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
REV. 0
–34–
AD9887
Table XXXVI. Active VSYNC Results
Bit 5
(VSYNC
Detect)
Override
AVS
00
0
10
1
X
1
Bit 2 in 12H
AVS = 1 means Sync separator.
AVS = 0 means VSYNC input.
The override bit is in Register 12H, Bit 3.
12
7
AIO—Active Interface Override
This bit is used to override the automatic interface selec-
tion (Bit 3 in Register 11H). To override, set this bit to
Logic 1. When overriding, the active interface is set via
Bit 6 in this register.
Table XXXVII. Active Interface Override Settings
AIO
Result
0
Autodetermines the Active Interface
1
Override, Bit 6 Determines the Active Interface
The default for this register is 0.
12
6
AIS—Active Interface Select
This bit is used under two conditions. It is used to select
the active interface when the override bit is set (Bit 7).
Alternately, it is used to determine the active interface
when not overriding but both interfaces are detected.
Table XXXVIII. Active Interface Select Settings
AIS
Result
0
Analog Interface
1
Digital Interface
The default for this register is 0.
12
5
Active Hsync Override
This bit is used to override the automatic Hsync selection
(Bit 2 in Register 11H). To override, set this bit to Logic
1. When overriding, the active Hsync is set via Bit 4 in
this register.
Table XXXIX. Active Hsync Override Settings
Override
Result
0
Autodetermines the Active Interface
1
Override, Bit 4 Determines the Active Interface
The default for this register is 0.
12
4
Active Hsync Select
This bit is used under two conditions. It is used to select
the active Hsync when the override bit is set (Bit 5). Alter-
nately, it is used to determine the active Hsync when not
overriding but both Hsyncs are detected.
Table XL. Active HSYNC Select Settings
Select
Result
0
HSYNC Input
1
Sync-on-Green Input
The default for this register is 0.
12
3
Active VSYNC Override
This bit is used to override the automatic VSYNC selection
(Bit 1 in Register 11H). To override, set this bit to Logic 1.
When overriding, the active interface is set via Bit 2 in
this register.
Table XLI. Active VSYNC Override Settings
Override
Result
0
Autodetermines the Active VSYNC
1
Override, Bit 2 Determines the Active VSYNC
The default for this register is 0.
12
2
Active VSYNC Select
This bit is used to select the active VSYNC when the
override bit is set (Bit 3).
Table XLII. Active VSYNC Select Settings
Select
Result
0
VSYNC Input
1
Sync Separator Output
The default for this register is 0.
12
1
COAST Select
This bit is used to select the active COAST source. The
choices are the COAST input pin or VSYNC. If VSYNC
is selected, the additional decision of using the VSYNC
input pin or the output from the sync separator needs to
be made (Bits 3, 2).
Table XLIII. COAST Select Settings
Select
Result
0
COAST Input Pin
1
VSYNC (See Above Text)
The default for this register is 0.
12
0
PWRDN
This bit is used to put the chip in full power-down. This
powers down both interfaces. See the section on Power
Management for details of which blocks are actually
powered down. Note, the chip will be unable to detect
incoming activity while fully powered-down.
Table XLIV. Power-Down Settings
Select
Result
0
Power-Down
1
Normal Operation
The default for this register is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com