Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9887/PCB Datasheet(PDF) 38 Page - Analog Devices

Part # AD9887/PCB
Description  Dual Interface for Flat Panel Displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887/PCB Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9887/PCB Datasheet HTML 32Page - Analog Devices AD9887/PCB Datasheet HTML 33Page - Analog Devices AD9887/PCB Datasheet HTML 34Page - Analog Devices AD9887/PCB Datasheet HTML 35Page - Analog Devices AD9887/PCB Datasheet HTML 36Page - Analog Devices AD9887/PCB Datasheet HTML 37Page - Analog Devices AD9887/PCB Datasheet HTML 38Page - Analog Devices AD9887/PCB Datasheet HTML 39Page - Analog Devices AD9887/PCB Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
REV. 0
–38–
AD9887
PCB LAYOUT RECOMMENDATIONS
The AD9887 is a high-performance, high-speed analog device.
As such, to get the maximum performance out of the part it is
important to have a well laid-out board. The following is a guide
for designing a board using the AD9887.
Analog Interface Inputs
Using the following layout techniques on the graphics inputs is
extremely important:
Minimize the trace length running into the graphics inputs. This
is accomplished by placing the AD9887 as close as possible to
the graphics VGA connector. Long input trace lengths are unde-
sirable because they will pick up more noise from the board and
other external sources.
Place the 75
Ω termination resistors as close to the AD9887
chip as possible. Any additional trace length between the termi-
nation resistors and the input of the AD9887 increases the
magnitude of reflections, which will corrupt the graphics signal.
Use 75
Ω matched impedance traces. Trace impedances other
than 75
Ω will also increase the chance of reflections.
The AD9887 has very high input bandwidth, (330 MHz). While
this is desirable for acquiring a high resolution PC graphics
signal with fast edges, it means that it will also capture any high
frequency noise present. Therefore, it is important to reduce the
amount of noise that gets coupled to the inputs. Avoid running
any digital traces near the analog inputs.
Due to the high bandwidth of the AD9887, sometimes low-pass
filtering the analog inputs can help to reduce noise. (For many
applications, filtering is unnecessary.) Experiments have shown
that placing a series ferrite bead prior to the 75
Ω termination
resistor is helpful in filtering out excess noise. Specifically, the
part used was the # 2508051217Z0 from Fair-Rite, but each
application may work best with a different bead value. Alternately,
placing a 100
Ω to 120 Ω resistor between the 75 Ω termination
resistor and the input coupling capacitor can also be beneficial.
Digital Interface Inputs
Each differential input pair (RXO+, RXO–, RXC+, RXC–, etc.)
should be routed together using 50
Ω strip line routing tech-
niques and should be kept as short as possible. No other
components should be placed on these inputs; for example, no
clamping diodes. Every effort should also be made to route
these signals on a single layer (component layer) with no vias.
Power Supply Bypassing
It is recommended to bypass each power supply pin with a
0.1
µF capacitor. The exception is in the case where two or
more supply pins are adjacent to each other. For these group-
ings of powers/grounds, it is only necessary to have one bypass
capacitor. The fundamental idea is to have a bypass capacitor
within about 0.5 cm of each power pin. Also, avoid placing the
capacitor on the opposite side of the PC board from the AD9887,
as that interposes resistive vias in the path.
The bypass capacitors should be physically located between the
power plane and the power pin. Current should flow from the
power plane to the capacitor to the power pin. Do not make the
power connection between the capacitor and the power pin.
Placing a via underneath the capacitor pads, down to the power
plane, is generally the best approach.
SYNC STRIPPER
ACTIVITY
DETECT
NEGATIVE PEAK
CLAMP
COMP
SYNC
SOG
HSYNC IN
ACTIVITY
DETECT
MUX 2
HSYNC OUT
PIXEL CLOCK
MUX 1
SYNC SEPARATOR
INTEGRATOR
VSYNC
SOG OUT
HSYNC OUT
VSYNC OUT
MUX 4
VSYNC IN
1/S
PLL
HSYNC
ACTIVITY
DETECT
AD9887
CLOCK
GENERATOR
POLARITY
DETECT
POLARITY
DETECT
POLARITY
DETECT
MUX 3
COAST
COAST
Figure 38. Sync Processing Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com