Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9887/PCB Datasheet(PDF) 35 Page - Analog Devices

Part # AD9887/PCB
Description  Dual Interface for Flat Panel Displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887/PCB Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9887/PCB Datasheet HTML 31Page - Analog Devices AD9887/PCB Datasheet HTML 32Page - Analog Devices AD9887/PCB Datasheet HTML 33Page - Analog Devices AD9887/PCB Datasheet HTML 34Page - Analog Devices AD9887/PCB Datasheet HTML 35Page - Analog Devices AD9887/PCB Datasheet HTML 36Page - Analog Devices AD9887/PCB Datasheet HTML 37Page - Analog Devices AD9887/PCB Datasheet HTML 38Page - Analog Devices AD9887/PCB Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
REV. 0
AD9887
–35–
DIGITAL CONTROL
13
7:0
Sync Separator Threshold
This register is used to set the responsiveness of the sync
separator. It sets how many pixel clock pulses the sync
separator must count to before toggling high or low. It
works like a low-pass filter to ignore Hsync pulses in order
to extract the Vsync signal. This register should be set to
some number greater than the maximum Hsync pulsewidth.
The default for this register is 32.
CONTROL BITS
14
2
Scan Enable
This register is used to enable the scan function. When
enabled, data can be loaded into the AD9887 outputs
serially with the scan function. The scan function utilizes
three pins (SCANIN, SCANOUT, and SCANCLK). These
pins are described in Table I.
Table XLV. Scan Enable Settings
Scan Enable
Result
0
Scan Function Disabled
1
Scan Function Enabled
The default for scan enable is 0 (disabled).
14
1
Coast Input Polarity Override
This register is used to override the internal circuitry that
determines the polarity of the coast signal going into
the PLL.
Table XLVI. Coast Input Polarity Override Settings
Override Bit
Result
0
Coast Polarity Determined by Chip
1
Coast Polarity Determined by User
The default for coast polarity override is 0 (polarity
determined by chip).
14
0
HSYNC Input Polarity Override
This register is used to override the internal circuitry that
determines the polarity of the Hsync signal going into
the PLL.
Table XLVII. HSYNC Input Polarity Override Settings
Override Bit
Result
0
Hsync Polarity Determined by Chip
1
Hsync Polarity Determined by User
The default for Hsync polarity override is 0 (polarity
determined by chip).
15
7
HSYNC Input Polarity Status
This bit reports the status of the Hsync input polarity
detection circuit. It can be used to determine the polarity
of the Hsync input. The detection circuit’s location is
shown in the Sync Processing Block Diagram (Figure 38).
Table XLVIII. Detected HSYNC Input Polarity Status
Hsync Polarity
Status
Result
0
Hsync Polarity is Negative.
1
Hsync Polarity is Positive.
15
6
VSYNC Output Polarity Status
This bit reports the status of the Vsync output polarity
detection circuit. It can be used to determine the polarity
of the Vsync input. The detection circuit’s location is
shown in the Sync Processing Block Diagram (Figure 38).
Table XLIX. Detected VSYNC Input Polarity Status
Vsync Polarity
Status
Result
0
Vsync Polarity is Active Low.
1
Vsync Polarity is Active High.
15
5
Coast Input Polarity Status
This bit reports the status of the coast input polarity
detection circuit. It can be used to determine the polar-
ity of the coast input. The detection circuit’s location is
shown in the Sync Processing Block Diagram (Figure 38).
Table L. Detected Coast Input Polarity Status
Coast Polarity
Status
Result
0
Coast Polarity is Negative.
1
Coast Polarity is Positive.
16
7–3
Sync-on-Green Slicer Threshold
This register allows the comparator threshold of the
Sync-on-Green slicer to be adjusted. This register adjusts
the comparator threshold in steps of 10 mV. A setting of zero
results in a 330 mV threshold. The setting of 31 results in
a 10 mV threshold.
The default setting is 23 and corresponds to a threshold
value of 70 mV.
17
7–0
Pre-Coast
This register allows the Coast signal to be applied prior
to the Vsync signal. This is necessary in cases where pre-
equalization pulses are present. The step size for this
control is one Hsync period.
The default is 0.
18
7–0
Post-Coast
This register allows the coast signal to be applied follow-
ing to the Vsync signal. This is necessary in cases where
post-equalization pulses are present. The step size for this
control is one Hsync period.
The default is 0.
19
7–0
Test Register
Must be set to default.
1A
7–0
Test Register
Must be set to 41H for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com