Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9887/PCB Datasheet(PDF) 18 Page - Analog Devices

Part # AD9887/PCB
Description  Dual Interface for Flat Panel Displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887/PCB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9887/PCB Datasheet HTML 14Page - Analog Devices AD9887/PCB Datasheet HTML 15Page - Analog Devices AD9887/PCB Datasheet HTML 16Page - Analog Devices AD9887/PCB Datasheet HTML 17Page - Analog Devices AD9887/PCB Datasheet HTML 18Page - Analog Devices AD9887/PCB Datasheet HTML 19Page - Analog Devices AD9887/PCB Datasheet HTML 20Page - Analog Devices AD9887/PCB Datasheet HTML 21Page - Analog Devices AD9887/PCB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
REV. 0
–18–
AD9887
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
E2
Figure 14. Even Pixels from Frame 2
O1E2O1E2O1E2O1E2O1E2O1E2
O1E2O1E2O1E2O1E2O1E2O1E2
O1E2O1E2O1E2O1E2O1E2O1E2
O1E2O1E2O1E2O1E2O1E2O1E2
O1E2O1E2O1E2O1E2O1E2O1E2
O1E2O1E2O1E2O1E2O1E2O1E2
O1E2O1E2O1E2O1E2O1E2O1E2
O1E2O1E2O1E2O1E2O1E2O1E2
O1E2O1E2O1E2O1E2O1E2O1E2
O1E2O1E2O1E2O1E2O1E2O1E2
O1E2O1E2O1E2O1E2O1E2O1E2
Figure 15. Combine Frame Output from Graphics Controller
O3E2O3E2O3E2O3E2O3E2O3E2
O3E2O3E2O3E2O3E2O3E2O3E2
O3E2O3E2O3E2O3E2O3E2O3E2
O3E2O3E2O3E2O3E2O3E2O3E2
O3E2O3E2O3E2O3E2O3E2O3E2
O3E2O3E2O3E2O3E2O3E2O3E2
O3E2O3E2O3E2O3E2O3E2O3E2
O3E2O3E2O3E2O3E2O3E2O3E2
O3E2O3E2O3E2O3E2O3E2O3E2
O3E2O3E2O3E2O3E2O3E2O3E2
O3E2O3E2O3E2O3E2O3E2O3E2
Figure 16. Subsequent Frame from Controller
Timing (Analog Interface)
The following timing diagrams show the operation of the
AD9887 analog interface in all clock modes. The part estab-
lishes timing by having the sample that corresponds to the pixel
digitized when the leading edge of HSYNC occurs sent to the
“A” data port. In Dual Channel Mode, the next sample is sent
to the “B” port. Future samples are alternated between the “A”
and “B” data ports. In Single Channel Mode, data is only sent
to the “A” data port, and the “B” port is placed in a high
impedance state.
The Output Data Clock signal is created so that its rising edge
always occurs between “A” data transitions, and can be used to
latch the output data externally.
PXLCLK
ANY OUTPUT
SIGNAL
DATACK
(OUTPUT)
tSKEW
tDCYCLE
tPER
DATA OUT
Figure 17. Analog Output Timing
Hsync Timing
Horizontal sync is processed in the AD9887 to eliminate
ambiguity in the timing of the leading edge with respect to the
phase-delayed pixel clock and data.
The Hsync input is used as a reference to generate the pixel
sampling clock. The sampling phase can be adjusted, with respect
to Hsync, through a full 360
° in 32 steps via the Phase Adjust
register (to optimize the pixel sampling time). Display systems use
Hsync to align memory and display write cycles, so it is important
to have a stable timing relationship between Hsync output
(HSOUT) and data clock (DATACK).
Three things happen to Horizontal Sync in the AD9887. First,
the polarity of Hsync input is determined and will thus have a
known output polarity. The known output polarity can be pro-
grammed either active high or active low (Register 04H, Bit 4).
Second, HSOUT is aligned with DATACK and data outputs.
Third, the duration of HSOUT (in pixel clocks) is set via Regis-
ter 07H. HSOUT is the sync signal that should be used to drive
the rest of the display system.
Coast Timing
In most computer systems, the Hsync signal is provided con-
tinuously on a dedicated wire. In these systems, the COAST
input and function are unnecessary, and should not be used.
In some systems, however, Hsync is disturbed during the Verti-
cal Sync period (Vsync). In some cases, Hsync pulses disappear.
In other systems, such as those that employ Composite Sync
(Csync) signals or embed Sync-On-Green (SOG), Hsync includes
equalization pulses or other distortions during Vsync. To avoid
upsetting the clock generator during Vsync, it is important to
ignore these distortions. If the pixel clock PLL sees extraneous
pulses, it will attempt to lock to this new frequency, and will
have changed frequency by the end of the Vsync period. It will
then take a few lines of correct Hsync timing to recover at the
beginning of a new frame, resulting in a “tearing” of the image
at the top of the display.
The COAST input is provided to eliminate this problem. It is
an asynchronous input that disables the PLL input and allows
the clock to free-run at its then-current frequency. The PLL can
free-run for several lines without significant frequency drift.
Coast can be provided by the graphics controller or it can be
internally generated by the AD9887 Sync processing engine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com